Electronic Components Datasheet Search
  English  ▼

X  

ST7787 Datasheet(PDF) 108 Page - Sitronix Technology Co., Ltd.

Part # ST7787
Description  262K Color Single-Chip TFT Controller/Driver
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7787 Datasheet(HTML) 108 Page - Sitronix Technology Co., Ltd.

Back Button ST7787 Datasheet HTML 104Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 105Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 106Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 107Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 108Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 109Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 110Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 111Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 112Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 217 page
background image
ST7787
Ver. 1.7
2008.04.18
108
Table 10.2.3 Panel Function Command List (3)
Instruction Refer D/CXWRXRDX D17-8
D7
D6
D5
D4
D3
D2
D1
D0
(Hex) Function
0
↑
1
-
1
1
0
1
0
0
0
0
(D0h) Reserved for future using
-
ID17
ID16
ID15
ID14
ID13
ID12
ID11
ID10
WRID1
10.2.17
1
↑
1
-
0
0
0
0
0
0
0
0
0
↑
1
-
1
1
0
1
0
0
0
1
(D1h) LCM version code
-
0
ID26
ID25
ID24
ID23
ID22
ID21
ID20
WRID2
10.2.18
1
↑
1
-
0
1
0
1
1
1
0
0
OTP ID2 set the LCM
version code.
0
↑
1
-
1
1
0
1
0
0
1
0
(D2h) Customer Project code
-
ID37
ID36
ID35
ID34
ID33
ID32
ID31
ID30
WRID3
10.2.19
1
↑
1
-
0
0
0
0
0
0
0
0
OTP ID3 set the project
code.
0
↑
1
-
1
1
0
1
1
1
1
0
DEh OTP-Read command
OTP-Load 10.2.20
1
↑
1
-
0
1
1
1
0
1
0
1
75h
0
↑
1
-
1
1
0
1
1
1
1
0
DFh
1
↑
1
1
1
0
0
1
0
1
0
1
↑
1
0
0
0
0
0
0
0
0
1
↑
1
1
0
1
0
1
0
1
0
1
↑
1
1
0
1
0
0
1
0
1
OTP-Prog 10.2.21
1
↑
1
0
1
0
1
1
0
1
0
CAh
00h
AAh
A5h
5Ah
OTP prog. Command
Protection sequence:CA
00AA A5 A5 5A
“-“: Don’t care
Note 1: The D1h to D8h registers are fixed for about ID code setting.
Note 2: The D9h, DEh and DFh registers are used for NV Memory function controller. (Ex: write, clear, etc.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com