Electronic Components Datasheet Search
  English  ▼

X  

ST7787 Datasheet(PDF) 106 Page - Sitronix Technology Co., Ltd.

Part # ST7787
Description  262K Color Single-Chip TFT Controller/Driver
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7787 Datasheet(HTML) 106 Page - Sitronix Technology Co., Ltd.

Back Button ST7787 Datasheet HTML 102Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 103Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 104Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 105Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 106Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 107Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 108Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 109Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 110Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 217 page
background image
ST7787
Ver. 1.7
2008.04.18
106
10.2 Panel Function Command List and Description
Table 10.2.1 Panel Function Command List (2)
Instruction Refer D/CX WRX RDX D23-8 D7
D6
D5
D4
D3
D2
D1
D0
(Hex) Function
0
↑
1
-
1
0
1
1
0
0
0
0
(B0h) Set Display I/F mode
-
---
---
---
ICM
DP
EP
HSP
VSP
RGBCTR
10.2.1
1
↑
1
-
0
0
0
0
0
0
0
0
Polarity set
0
↑
1
-
1
0
1
1
0
0
0
1
(B1h)
In normal mode full
colors
-
--- RTNA[6] RTNA[5] RTNA[4] RTNA[3] RTNA[2] RTNA[1] RTNA[0]
1
↑
1
-
0
0
1
1
0
1
1
0
-
---
---
---
FPA[4]
FPA[3]
FPA[2]
FPA[1]
FPA[0]
1
↑
1
-
0
0
0
0
0
0
1
0
-
---
---
---
BPA[4] BPA[3] BPA[2] BPA[1] BPA[0]
FRMCTR1
10.2.2
1
↑
1
-
0
0
0
0
0
0
1
0
Blanking porch setting
0
↑
1
-
1
0
1
1
0
0
1
0
(B2h) In idle mode 8-colors
-
--- RTNB[6] RTNB[5] RTNB[4] RTNB[3] RTNB[2] RTNB[1] RTNB[0]
1
↑
1
-
0
0
1
1
0
1
0
0
-
---
---
---
FPB[4] FPB[3] FPB[2] FPB[1] FPB[0]
1
↑
1
-
0
0
0
1
0
0
0
0
-
---
---
---
BPB[4] BPB[3] BPB[2] BPB[1] BPB[0]
FRMCTR2
10.2.3
1
↑
1
-
0
0
0
1
0
0
0
0
Blanking porch setting
0
↑
1
-
1
0
1
1
0
0
1
1
(B3h)
In partial mode + full
colors
-
--- RTNC[6] RTNC[5] RTNC[4] RTNC[3] RTNC[2] RTNC[1] RTNC[0]
1
↑
1
-
0
0
1
1
0
1
1
0
-
---
---
---
FPC[4] FPC[3] FPC[2] FPC[1] FPC[0]
1
↑
1
-
0
0
0
1
0
0
0
0
-
---
---
---
BPC[4] BPC[3] BPC[2] BPC[1] BPC[0]
1
↑
1
0
0
0
1
0
0
0
0
Blanking porch setting
line inversion
--- RTND[6] RTND[5] RTND[4] RTND[3] RTND[2] RTND[1] RTND[0]
1
↑
1
0
0
1
1
1
0
0
0
---
---
---
FPD[4] FPD[3] FPD[2] FPD[1] FPD[0]
1
↑
1
0
0
0
1
0
0
0
0
-
---
---
---
BPD[4] BPD[3] BPD[2] BPD[1] BPD[0]
FRMCTR3
10.2.4
1
↑
1
0
0
0
1
0
0
0
0
Blanking porch setting
frame inversion
0
↑
1
-
1
0
1
1
0
1
0
0
(B4h)
-
---
---
---
---
---
NLA
NLB
NLC
INVCTR
10.2.5
1
↑
1
-
0
0
0
0
0
0
1
0
Display inversion
control
0
↑
1
-
1
0
1
1
0
1
0
1
(B5h)
-
---
---
---
---
VFP[3] VFP[2] VFP[1] VFP[0]
1
↑
1
-
0
0
0
0
0
0
0
0
-
---
---
---
---
VBP[3] VBP[2] VBP[1] VBP[0]
1
↑
1
-
0
0
0
0
0
0
1
0
-
---
---
---
---
HFP[3] HFP[2] HFP[1] HFP[0]
1
↑
1
0
0
0
0
1
0
0
1
---
---
---
---
HBP[3] HBP[2] HBP[1] HBP[0]
RGB
PRCTR
10.2.6
1
↑
1
0
0
0
0
1
0
0
1
RGB I/F Blanking porch
setting
0
↑
1
-
1
0
1
1
0
1
1
0
(B6h)
Display function
setting
-
---
---
NO1
NO0
SDT1
SDT0
EQ1
EQ0
1
↑
1
-
0
0
0
0
0
0
1
0
---
---
---
---
PTG1
PTG0
PT1
PT0
DISSET5
10.2.7
1
↑
1
0
0
0
0
0
0
1
0
VSYNCOUT 10.2.8
0
↑
1
-
1
0
1
1
1
1
0
0
(BCh)
External VSYNC
disable
VSYNCOIN 10.2.9
0
↑
1
-
1
0
1
1
1
1
0
1
(BDh)
External VSYNC
enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com