Electronic Components Datasheet Search
  English  ▼

X  

ST7787 Datasheet(PDF) 103 Page - Sitronix Technology Co., Ltd.

Part # ST7787
Description  262K Color Single-Chip TFT Controller/Driver
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7787 Datasheet(HTML) 103 Page - Sitronix Technology Co., Ltd.

Back Button ST7787 Datasheet HTML 99Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 100Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 101Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 102Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 103Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 104Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 105Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 106Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 107Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 217 page
background image
ST7787
Ver. 1.7
2008.04.18
103
10. Command
10.1 System function Command List and Description
Table 10.1.1 System Function command List (1)
Instruction Refer D/CXWRXRDX D17-8
D7
D6
D5
D4
D3
D2
D1
D0
(Hex)
Function
NOP
10.1.1
0
-↑
1
-
0
0
0
0
0
0
0
0
(00h) No Operation
SWRESET 10.1.2
0
↑
1
-
0
0
0
0
0
0
0
1
(01h) Software reset
0
↑
1
-
0
0
0
0
0
1
0
0
(04h) Read Display ID
1
1
↑
-
---
---
---
---
---
---
---
---
Dummy read
1
1
↑
-
ID17
ID16
ID15
ID14
ID13
ID12
ID11
ID10
ID1 read
1
1
↑
-
ID27
ID26
ID25
ID24
ID23
ID22
ID21
ID20
ID2 read
RDDID
10.1.3
1
1
↑
-
ID37
ID36
ID35
ID34
ID33
ID32
ID31
ID30
ID3 read
0
-↑
1
-
0
0
0
0
1
0
0
1
(09h) Read Display Status
1
1
↑
-
---
---
---
---
---
---
---
---
Dummy read
1
1
↑
-
BSTON
MY
MX
MV
ML
RGB
MH
ST24
-
1
1
↑
-
ST23
IFPF2 IFPF1
IFPF0
IDMON PTLON SLOUTNORON
-
1
1
↑
-
VSSON ST14 INVON
ST12
ST11
DISON TEON GCS2
-
RDDST
10.1.4
1
1
­↑
-
GCS1 GCS0 TELOM HSON
VSON PCKON DEON
ST0
-
0
­↑
1
-
0
0
0
0
1
0
1
0
(0Ah)
Read Display Power
Mode
1
1
­↑
-
---
---
---
---
---
---
---
---
Dummy read
RDDPM
10.1.5
1
1
­↑
-
BSTON IDMON PTLON SLPOUT NORON DISON
D1
D0
-
0
-↑
1
-
0
0
0
0
1
0
1
1
(0Bh Read Display MADCTL
1
1
­↑
-
---
---
---
---
---
---
---
---
Dummy read
RDD
MADCTL
10.1.6
1
1
­↑
-
MX
MY
MV
ML
RGB
MH
D1
D0
00h -
0
-↑
1
-
0
0
0
0
1
1
0
0
(0Ch)
Read Display Pixel
Format
1
1
­↑
-
---
---
---
---
---
---
---
---
Dummy read
RDD
COLMOD
10.1.7
1
1
­↑
-
VIPF3 VIPF2 VIPF1
VIPF0
D3
IFPF2 IFPF1 IFPF0
-
0
-↑
1
-
0
0
0
0
1
1
0
1
(0Dh)
Read Display Image
Mode
1
1
­↑
-
---
---
---
---
---
---
---
---
Dummy read
RDDIM
10.1.8
1
1
­↑
-
VSSON
D6
INVON
D4
D3
GCS2 GCS1 GCS0
-
0
-↑
1
-
0
0
0
0
1
1
1
0
(0Eh)
Read Display Signal
Mode
1
1
­↑
-
---
---
---
---
---
---
---
---
Dummy read
RDDSM
10.1.9
1
1
­↑
-
TEON TELOM HSON
VSON PCKON DEON
D1
D0
00h -
0
-↑
1
-
0
0
0
0
1
1
1
1
(0Fh)
Read Display
Self-diagnostic result
1
1
­↑
-
---
---
---
---
---
---
---
---
Dummy read
RDDSDR 10.1.10
1
1
­↑
-
RELD FUND ATTD
BRD
D3
D2
D1
D0
-
“-“: Don’t care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com