Electronic Components Datasheet Search
  English  ▼

X  

ST7787 Datasheet(PDF) 102 Page - Sitronix Technology Co., Ltd.

Part # ST7787
Description  262K Color Single-Chip TFT Controller/Driver
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7787 Datasheet(HTML) 102 Page - Sitronix Technology Co., Ltd.

Back Button ST7787 Datasheet HTML 98Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 99Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 100Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 101Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 102Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 103Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 104Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 105Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 106Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 217 page
background image
ST7787
V1.7
2008.04.18
102
9.20 External Light Source
The operation of the module can meet customer’s Environmental reliability requirements.
9.21 Oscillator
The chip has on-chip oscillator that does not require external components. This oscillator output signal is used for system
clock generation for internal display operation.
9.22 System Clock Generator
The timing generator produces the various signals to driver the internal circuitty. Internal chip operation is not affected by
operations on the data bus.
9.23 Instruction Decoder and Register
The instruction decoder indentifies command words arriving at the interface and routes the following data bytes to their
destination. The command set can be found in “ Command” section.
9.24 Source Driver
The source driver block includes 240x3 source outputs (S1 to S720), which should be connected directly to the TFT-LCD.
The source output signals are generated in the data processing block after the data is read out of the RAM and latched,
which represent the simulatance selected rows.
9.25 Gate Driver
The gate driver block include 320 chanel gate output (G1 to G320) which should be connected directly to the TFT-LCD.
9.25.1 Gate Driver
9.25.1.1 Normal mode
S1-S396
G1
G2
G3
G4
G5
G6
G7
G8
G9
G10
G11
G12
1
Fig. 9.25.1 Gate Driver Output Option 1
2
3
4
5
6
7
8
9
10
11
12
VGH
VGL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com