Electronic Components Datasheet Search
  English  ▼

X  

ST7787 Datasheet(PDF) 104 Page - Sitronix Technology Co., Ltd.

Part # ST7787
Description  262K Color Single-Chip TFT Controller/Driver
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7787 Datasheet(HTML) 104 Page - Sitronix Technology Co., Ltd.

Back Button ST7787 Datasheet HTML 100Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 101Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 102Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 103Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 104Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 105Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 106Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 107Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 108Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 217 page
background image
ST7787
Ver. 1.7
2008.04.18
104
Table 10.1.2 System Function command List (2)
Instruction
Refer
D/CX WRX RDX D17-8
D7
D6
D5
D4
D3
D2
D1
D0
(Hex)
Function
SLPIN
10.1.11
0
↑
1
-
0
0
0
1
0
0
0
0
(10h) Sleep in & booster off
SLPOUT
10.1.12
0
↑
1
-
0
0
0
1
0
0
0
1
(11h) Sleep out & booster on
PTLON
10.1.13
0
↑
1
-
0
0
0
1
0
0
1
0
(12h) Partial mode on
NORON
10.1.14
0
↑
1
-
0
0
0
1
0
0
1
1
(13h) Partial mode off Normal mode
INVOFF
10.1.15
0
↑
1
-
0
0
1
0
0
0
0
0
(20h) Display inversion off Normal
INVON
10.1.16
0
↑
1
-
0
0
1
0
0
0
0
1
(21h) Display inversion on
0
↑
1
-
0
0
1
0
0
1
1
0
(26h) Gamma curve select
GAMSET
10.1.17
1
↑
1
-
GC7 GC6
GC5
GC4
GC3
GC2
GC1
GC0
-
DISPOFF
10.1.18
0
↑
1
-
0
0
1
0
1
0
0
0
(28h) Display off
DISPON
10.1.19
0
↑
1
-
0
0
1
0
1
0
0
1
(29h) Display on
0
↑
1
-
0
0
1
0
1
0
1
0
(2Ah) Column address set
1
↑
1
-
---
---
---
---
---
---
---
XS8
1
↑
1
-
XS7
XS6
XS5
XS4
XS3
XS2
XS1
XS0
00h
Xaddress start: 0≦XS≦EF
MV=0
1
↑
1
-
---
---
---
---
---
---
---
XE8
CASET
10.1.20
1
-↑
1
-
XE7
XE6
XE5
XE4
XE3
XE2
XE1
XE0
AFh
Xaddress end: XS≦XE≦EF
MV=0
0
↑
1
-
0
0
1
0
1
0
1
1
(2Bh) Row address set
1
↑
1
-
---
---
---
---
---
---
---
YS8
1
-↑
1
-
YS7
YS6
YS5
YS4
YS3
YS2
YS1
YS0
00h
Xaddress start: 0≦YS≦13F
MV=0
1
↑
1
-
---
---
---
---
---
---
---
YE8
RASET
10.1.21
1
-↑
1
-
YE7
YE6
YE5
YE4
YE3
YE2
YE1
YE0
DBh
Xaddress end: YS≦YE≦13F
MV=0
0
↑
1
-
0
0
1
0
1
1
0
0
(2Ch) Memory write
RAMWR
10.1.22
1
↑
1
-
Write data * Bit asignment varies with the selected interface
Write data
0
↑
1
-
0
0
1
0
1
1
1
0
(2Eh) Memory read
1
1
-↑
-
---
---
---
---
---
---
---
---
Dummy read
RAMRD
10.1.23
1
1
-↑
-
Read data * Bit asignment varies with the selected interface
Read data
“-“: Don’t care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com