Electronic Components Datasheet Search
  English  ▼

X  

ST7787 Datasheet(PDF) 115 Page - Sitronix Technology Co., Ltd.

Part # ST7787
Description  262K Color Single-Chip TFT Controller/Driver
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7787 Datasheet(HTML) 115 Page - Sitronix Technology Co., Ltd.

Back Button ST7787 Datasheet HTML 111Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 112Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 113Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 114Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 115Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 116Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 117Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 118Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 119Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 217 page
background image
ST7787
Ver. 1.7
2008.04.18
115
10.1.5 RDDPM (0Ah): Read Display Power Mode
0AH
RDDPM (Read Display Power Mode)
Inst / Para
D/CX
WRX RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
(Code)
RDDPM
0
↑
1
-
0
0
0
0
1
0
1
0
(0Ah)
1
st Parameter
1
1
↑
-
-
-
-
-
-
-
-
-
-
2
nd Parameter
1
1
↑
BSTON IDMON PTLON SLPOUT NORON DISON
D1
D0
NOTE: “-” Don’t care, can be set to VDDI or DGND level
Description
This command indicates the current status of the display as described in the table below:
Bit
Description
Value
BSTON
Booster Voltage Status
1’ =Booster on,
0’ =Booster off
IDMON
Idle Mode On/Off
“1” = Idle Mode On,
“0” = Idle Mode Off
PTLON
Partial Mode On/Off
“1” = Partial Mode On,
“0” = Partial Mode Off
SLPON
Sleep In/Out
“1” = Sleep Out,
“0” = Sleep In
NORON
Display Normal Mode
On/Off
“1” = Normal Display,
“0” = Partial Display
DISON
Display On/Off
“1” = Display On,
“0” = Display Off
D1
Not Used
“0”
D0
Not Used
“0”
Restriction
-
Register
Availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
Yes
Partial Mode On, Idle Mode On, Sleep Out
Yes
Sleep In
Yes
Default
Status
Default Value (D7 to D0)
Power On Sequence
08h
S/W Reset
08h
H/W Reset
08h
Flow Chart
Serial I/F Mode
RDDPM (0Ah)
Send D[7:0]
Parallel I/F Mode
RDDPM (0Ah)
Dummy Read
Host
Driver
Legend
Command
Parameter
Display
Action
Send D[7:0]
Mode
Sequential
transfer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com