Electronic Components Datasheet Search
  English  ▼

X  

ST7787 Datasheet(PDF) 118 Page - Sitronix Technology Co., Ltd.

Part # ST7787
Description  262K Color Single-Chip TFT Controller/Driver
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7787 Datasheet(HTML) 118 Page - Sitronix Technology Co., Ltd.

Back Button ST7787 Datasheet HTML 114Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 115Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 116Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 117Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 118Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 119Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 120Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 121Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 122Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 217 page
background image
ST7787
Ver. 1.7
2008.04.18
118
10.1.8 RDDIM (0Dh): Read Display Image Mode
0DH
RDDIM (0Dh): Read Display Image Mode
Inst / Para
D/CX
WRX RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
(Code)
RDDIM
0
↑
1
-
0
0
0
0
1
1
0
1
(0Dh)
1
st Parameter
1
1
↑
-
-
-
-
-
-
-
-
-
-
2
nd Parameter
1
1
↑
-
VSSON
D6
INVON
D4
D3
GCS2
GCS1
GCS0
NOTE: “-” Don’t care, can be set to VDDI or DGND level
Description
This command indicates the current status of the display as described in the table below:
Bit
Description
Value
VSSON
Vertical Scrolling On/Off
“1” = Vertical scrolling is On,
“0” = Vertical scrolling is Off
D6
Horizontal Scrolling On/Off
“0” (Not used)
INVON
Inversion On/Off
“1” = Inversion is On,
“0” = Inversion is Off
D4
All Pixels On
“0” (Not used)
D3
All Pixels Off
“0” (Not used)
GS
GC[7:0] Reg.
LCM1
LCM0
LC Type
Gamma
0
0
MVA
0
1
Transflective(TR)
1
0
Transmissive(TM)
01H
1
1
N/A
Curve 2.2
02H
X
X
Transflective(TR) 1.8
04H
X
X
Transflective(TR) 2.5
1
08H
X
X
Transflective(TR) 1.0
01H
X
X
Transflective(TR) 1.0
02H
X
X
Transflective(TR) 2.5
0
0
MVA
0
1
Transflective(TR)
1
0
Transmissive(TM)
04H
1
1
N/A
Curve 2.2
0
08H
X
X
Transflective(TR) 1.8
Note 1: While LCM[1:0]=”00”
Note 2: Even GCS[2:0] value is be changeable from read status, the gamma curve of Transmissive and MVA only
γ
=2.2.
Restriction
-
Register
Availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
Yes
Partial Mode On, Idle Mode On, Sleep Out
Yes
Sleep In
Yes
Default
Status
Default Value(D7 to D0)
Power On Sequence
0000_0001 (01h)
S/W Reset
0000_0001 (01h)
H/W Reset
0000_0001 (01h)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com