Electronic Components Datasheet Search
  English  ▼

X  

ST7787 Datasheet(PDF) 134 Page - Sitronix Technology Co., Ltd.

Part # ST7787
Description  262K Color Single-Chip TFT Controller/Driver
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7787 Datasheet(HTML) 134 Page - Sitronix Technology Co., Ltd.

Back Button ST7787 Datasheet HTML 130Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 131Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 132Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 133Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 134Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 135Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 136Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 137Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 138Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 217 page
background image
ST7787
Ver. 1.7
2008.04.18
134
10.1.19 DISPON (29h): Display On
29H
DISPON (Display On)
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
(Code)
DISPON
0
↑
1
-
0
0
1
0
1
0
0
1
(29h)
1
st Parameter
No Parameter
-
NOTE: “-” Don’t care, can be set to VDDI or DGND level
Description
-This command is used to recover from DISPLAY OFF mode. Output from the Frame Memory is enabled.
-This command makes no change of contents of frame memory.
-This command does not change any other status.
Restriction
-This command has no effect when module is already in Display On mode.
Register
Availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
Yes
Partial Mode On, Idle Mode On, Sleep Out
Yes
Sleep In
Yes
Default
Status
Default Value
Power On Sequence
Display off
S/W Reset
Display off
H/W Reset
Display off
Top-Left (0,0)
(Example)
Memory
Display
VDDI
VDD
Gate Output
Source Output
Display ON
Blanking display (over 1 frame display) *
STOP
0V
1.6V-3.0V
2.6V-3.0V
Memory Contents
VCOM Output
0V
Memory Contents
Internal counter
STOP
Start
Internal Oscillator
VGH
VGL
AVDD
IC Internal reset
* Note: complete 1 frame display (ex: continue 2-falling edges of VS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com