Electronic Components Datasheet Search
  English  ▼

X  

ST7787 Datasheet(PDF) 136 Page - Sitronix Technology Co., Ltd.

Part # ST7787
Description  262K Color Single-Chip TFT Controller/Driver
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7787 Datasheet(HTML) 136 Page - Sitronix Technology Co., Ltd.

Back Button ST7787 Datasheet HTML 132Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 133Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 134Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 135Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 136Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 137Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 138Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 139Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 140Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 217 page
background image
ST7787
Ver. 1.7
2008.04.18
136
10.1.20 CASET (2Ah): Column Address Set
2AH
CASET(Colume Address Set)_
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
(Code)
GAMSET
0
↑
1
-
0
0
1
0
0
1
1
0
(2Ah)
1
st Parameter
1
↑
1
-
-
-
-
-
-
-
-
XS8
2
nd Parameter
1
↑
1
XS7
XS6
XS5
XS4
XS3
XS2
XS1
XS0
3
rd Parameter
1
↑
1
-
-
-
-
-
-
-
XE8
4
th Parameter
1
↑
1
XE7
XE6
XE5
XE4
XE3
XE2
XE1
XE0
NOTE: “-” Don’t care, can be set to VDDI or DGND level
Description
-This command is used to define area of frame memory where MCU can access.
-This command makes no change on the other driver status.
-The value of XS [8:0] and XE [8:0] are referred when RAMWR command comes.
-Each value represents one column line in the Frame Memory.
Restriction
Xaddress start: 0≦XS≦EF
MV=0
Xaddress end: XS≦XE≦EF
MV=0
Register
Availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
Yes
Partial Mode On, Idle Mode On, Sleep Out
Yes
Sleep In
Yes
Default
1. 240x320 memory base
Default Value
2Status
XS[8:0]
XE[8:0]
Power On Sequence
0000h
00EFh
S/W Reset
0000h
00EFh
H/W Reset
0000h
00EFh
(Example)
XS[8:0]
XE[8:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com