Electronic Components Datasheet Search
  English  ▼

X  

ST7787 Datasheet(PDF) 138 Page - Sitronix Technology Co., Ltd.

Part # ST7787
Description  262K Color Single-Chip TFT Controller/Driver
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7787 Datasheet(HTML) 138 Page - Sitronix Technology Co., Ltd.

Back Button ST7787 Datasheet HTML 134Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 135Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 136Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 137Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 138Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 139Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 140Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 141Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 142Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 217 page
background image
ST7787
Ver. 1.7
2008.04.18
138
10.1.21 RASET (2Bh): Row Address Set
2BH
RASET (Row Address Set)
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
(Code)
RASET (2Bh)
0
↑
1
-
0
0
1
0
1
0
1
1
(2Bh)
1st Parameter
1
↑
1
-
-
-
-
-
-
-
-
YS8
2nd Parameter
1
↑
1
-
YS7
YS6
YS5
YS4
YS3
YS2
YS1
YS0
3rd Parameter
1
↑
1
-
-
-
-
-
-
-
-
YE8
4th Parameter
1
↑
1
-
YE7
YE6
YE5
YE4
YE3
YE2
YE1
YE0
NOTE: “-” Don’t care, can be set to VDDI or DGND level
Description
This command is used to define area of frame memory where MCU can access.
This command makes no change on the other driver status.
The value of YS [8:0] and YE [8:0] are referred when RAMWR command comes.
Each value represents one column line in the Frame Memory.
Restriction
Xaddress start: 0≦YS≦13F
MV=0
Xaddress end: YS≦YE≦13F
MV=0
Register
Availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
Yes
Partial Mode On, Idle Mode On, Sleep Out
Yes
Sleep In
Yes
Default
1. 240x320 memory base
Default Value
2Status
YS[8:0]
YE[8:0]
Power On Sequence
0000h
013Fh
S/W Reset
0000h
013Fh
H/W Reset
0000h
013Fh
YS[8:0]
YE[8:0]
Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com