Electronic Components Datasheet Search
  English  ▼

X  

ST7787 Datasheet(PDF) 141 Page - Sitronix Technology Co., Ltd.

Part # ST7787
Description  262K Color Single-Chip TFT Controller/Driver
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7787 Datasheet(HTML) 141 Page - Sitronix Technology Co., Ltd.

Back Button ST7787 Datasheet HTML 137Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 138Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 139Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 140Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 141Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 142Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 143Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 144Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 145Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 217 page
background image
ST7787
Ver. 1.7
2008.04.18
141
10.1.23 RAMRD (2Eh): Memory Read
2Eh
RAMRD (Memory Read)
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
(Code)
RAMRD
0
↑
1
-
0
0
1
0
1
1
1
0
(2Eh)
1
st Parameter
1
1
↑
-
-
-
-
-
-
-
-
-
-
2
nd Parameter
1
1
↑
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
-
∣
1
1
↑
∣
∣
∣
∣
∣
∣
∣
∣
∣
∣
(N+1)
th Parameter
1
1
↑
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
-
NOTE: “-” Don’t care, can be set to VDDI or DGND level
Description
-This command is used to transfer data from frame memory to MCU.
-This command makes no change to the other driver status.
-When this command is accepted, the column register and the row register are reset to the Start
Column/Start Row positions.
-The Start Column/Start Row positions are different in accordance with MADCTL setting. (See section 9.12)
-Then D[23:0] is read back from the frame memory and the column register and the row register
incremented as section 9.10.2.
-Frame Read can be canceled by sending any other command.
-See section 9.8 “Data color coding” for color coding (18-bit cases), when there is used 8, 9, 16 and 18-bit
data lines for image data.
Restriction
-In all color modes, the Frame Read is always 18- bits and there is no restriction on length of parameters.
-Memory read is only possible via the SPI and parallel interface
Register
Availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
Yes
Partial Mode On, Idle Mode On, Sleep Out
Yes
Sleep In
Yes
Default
Status
Default Value
Power On Sequence
Contents of memory is set randomly
S/W Reset
Contents of memory is not cleared
H/W Reset
Contents of memory is not cleared
Flow Chart
RAMRD (2Eh)
Legend
Dummy Read
Image Data
D1[17:0],D2[17:0]…Dn[17:0]
Command
Parameter
Display
Action
Mode
Any Command
Sequential



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com