Electronic Components Datasheet Search
  English  ▼

X  

ST7787 Datasheet(PDF) 144 Page - Sitronix Technology Co., Ltd.

Part # ST7787
Description  262K Color Single-Chip TFT Controller/Driver
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7787 Datasheet(HTML) 144 Page - Sitronix Technology Co., Ltd.

Back Button ST7787 Datasheet HTML 140Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 141Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 142Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 143Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 144Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 145Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 146Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 147Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 148Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 217 page
background image
ST7787
Ver. 1.7
2008.04.18
144
10.1.25 SCRLAR (33h): Scroll Area
33H
SCRLAR (Scrolll Area)
Inst / Para
D/CX WRX RDX D17-8
D7
D6
D5
D4
D3
D2
D1
D0
(Code)
PTLAR
0
↑
1
-
0
0
1
1
0
0
1
1
(33h)
1
st Parameter
1
↑
1
-
---
---
---
---
---
---
---
TFA8
2
nd Parameter
1
↑
1
-
TFA7
TFA6
TFA5
TFA4
TFA3
TFA2
TFA1
TFA0
3
rd Parameter
1
↑
1
-
---
---
---
---
---
---
---
VSA8
4
th Parameter
1
↑
1
-
VSA7
VSA6
VSA5
VSA4
VSA3
VSA2
VSA1
VSA0
5
th Parameter
1
↑
1
-
---
---
---
---
---
---
---
BFA8
6
th Parameter
1
↑
1
-
BFA7
BFA6
BFA5
BFA4
BFA3
BFA2
BFA1
BFA0
NOTE: “-” Don’t care, can be set to VDDI or DGND level
Description
-This command defines the Vertical Scrolling Area of the display.
When MADCTL ML=0
-The 1
st & 2nd parameter TFA [8:0] describes the Top Fixed Area (in No. of lines from Top of the Frame
Memory and Display).
-The 3
rd & 4th parameter VSA [8:0] describes the height of the Vertical Scrolling Area (in No. of lines of
the Frame Memory [not the display] from the Vertical Scrolling Start Address)
-The first line appears immediately after the bottom most line of the Top Fixed Area.
-The 5
th & 6th parameter BFA [8:0] describes the Bottom Fixed Area (in No. of lines from Bottom of the
Frame Memory and Display).
-TFA, VSA and BFA refer to the Frame Memory row address.
When MADCTL ML=1
-The 1
st & 2nd parameter TFA [8:0] describes the Top Fixed Area (in No. of lines from Bottom
of the Frame Memory and Display).
-The 3
rd & 4th parameter VSA [8:0] describes the height of the Vertical Scrolling Area (in No.
of lines of the Frame Memory [not the display] from the Vertical Scrolling Start Address)
-The first line appears immediately after the top most line of the Top Fixed Area.
-The 5
th & 6th parameter BFA [8:0] describes the Bottom Fixed Area (in No. of lines from Top
of the Frame Memory and Display).
See Section 9.10.4 for details of the Memory to Display Mapping.
Restriction
-In Vertical Scroll Mode, MADCTL parameter MV should be set to ‘0’-this only affects the Frame Memory
Write. TFA[8:0]+VSA[8:0]+BFA[8:0] must equal to 320 or abnoemal display will be observed.
Register
Availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
Yes
Partial Mode On, Idle Mode On, Sleep Out
Yes
Sleep In
Yes
Top-Left (0,0)
Top Fixed Area
TFA [8:0]
Scroll Fixed Area
VSFA [8:0]
First line read from
Bottom Fixed Area
BFA [8:0]
Top-Left (0,0)
Bottom Fixed Area
BFA [8:0]
Scroll Fixed Area
VSFA [8:0]
Top Fixed Area
TFA [8:0]
First line read from
frame memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com