Electronic Components Datasheet Search
  English  ▼

X  

ST7787 Datasheet(PDF) 148 Page - Sitronix Technology Co., Ltd.

Part # ST7787
Description  262K Color Single-Chip TFT Controller/Driver
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7787 Datasheet(HTML) 148 Page - Sitronix Technology Co., Ltd.

Back Button ST7787 Datasheet HTML 144Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 145Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 146Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 147Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 148Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 149Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 150Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 151Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 152Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 217 page
background image
ST7787
Ver. 1.7
2008.04.18
148
10.1.27 TEON (35h): Tearing Effect Line ON
35H
TEON (Tearing Effect Line ON)
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
(Code)
TEON
0
↑
1
-
0
0
1
1
0
1
0
1
(35h)
1st Parameter
1
↑
1
-
0
0
0
0
0
0
0
TELOM
NOTE: “-” Don’t care, can be set to VDDI or DGND level
Description
-This command is used to turn ON the Tearing Effect output signal from the TE signal line.
-This output is not affected by changing MADCTL bit ML.
-The Tearing Effect Line On has one parameter, which describes the mode of the Tearing
Effect Output Line. (“-“=Don’t Care).
-When TELOM(M)=’0’:
-When TELOM M=’1’:
Note: During Sleep In Mode with Tearing Effect Line On, Tearing Effect Output pin will be active Low.
Restriction
-This command has no effect when Tearing Effect output is already OFF.
Register
Availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
Yes
Partial Mode On, Idle Mode On, Sleep Out
Yes
Sleep In
Yes
Default
Status
Default Value
Power On Sequence
Tearing effect off & TELOM=0
S/W Reset
Tearing effect off & TELOM=0
H/W Reset
Tearing effect off & TELOM=0
Flow Chart
Vertical
time scale
tvdl
tvdh
The Tearing Effect Output line consists of V-Blanking information only.
The Tearing Effect Output line consists of both V-Blanking and H-Blinking information.
Vertical
time scale
tvdl
tvdh
TE Line Output OFF
TEON (35h)
1
st Parameter: (M)
Legend
Command
Parameter
Display
Action
Mode
TE Line Output ON
Sequential



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com