Electronic Components Datasheet Search
  English  ▼

X  

ST7787 Datasheet(PDF) 151 Page - Sitronix Technology Co., Ltd.

Part # ST7787
Description  262K Color Single-Chip TFT Controller/Driver
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7787 Datasheet(HTML) 151 Page - Sitronix Technology Co., Ltd.

Back Button ST7787 Datasheet HTML 147Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 148Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 149Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 150Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 151Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 152Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 153Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 154Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 155Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 217 page
background image
ST7787
Ver. 1.7
2008.04.18
151
10.1.29 VSCSAD (37h): Vertical Scroll Start Address of RAM
37H
VSCSAD (Vertical Scroll Start Address of RAM)
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
(Code)
VSCSAD
0
↑
1
-
0
0
1
1
0
1
1
1
(37h)
1st Parameter
1
↑
1
-
-
-
-
-
-
-
-
SSA8
2
nd Parameter
1
↑
1
-
SSA7
SSA6
SSA5
SSA4
SSA3
SSA2
SSA1
SSA0
NOTE: “-” Don’t care, can be set to VDDI or DGND level
Description
-This command is used together with Vertical Scrolling Definition (33h). These two commands describe the
scrolling area and the scrolling mode.
-The Vertical Scrolling Start Address command has one parameter which describes which line in the Frame
Memory will be written as the first line after the last line of the Top Fixed Area on the display as illustrated
below:
-This command Start the scrolling.
-Exit from V-scrolling mode by commands Partial mode On (12h) or Normal mode On (13h).
When MADCTL ML= ‘0’
Example:
-When Top Fixed Area=Bottom Fixed Area=00, Vertical Scrolling Area=320 and Vertical Scrolling
Pointer SSA= ’3’.
When MADCTL ML = ‘1’
Example:
-When Top Fixed Area= Bottom Fixed Area=00, Vertical Scrolling Area=320 and SSA= ’3’
NOTE: -When new Pointer position and Picture Data are sent, the result on the display will happen at the next
Panel Scan to avoid tearing effect.
-SSA refers to the Frame Memory scan address.
Restriction
-Since the value of the Vertical Scrolling Start Address is absolute (with reference to the Frame
Memory), it must not enter the fixed area (defined by Vertical Scrolling Definition (33h)- otherwise
undesirable image will be displayed on the Panel.
SSA[7:0] is based on 1-line unit.
-SSA[7:0] = 0000h, 0001h, 0002h, 0003h, … , 00A1h
Register
Availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
No
Partial Mode On, Idle Mode On, Sleep Out
No
Sleep In
Yes
Top-Left (0,0)
SSA[7:0]
Scroll start address
(Example)
Scan address
Memory
Display
0
G1
1
G2
2
G3
3
G4
∣
|
∣
|
318
G319
319
G320
Top-Left (0,0)
SSA[7:0]
Scroll start address
(Example)
Scan address
Memory
Display
319
G1
318
G2
∣
G3
∣
G4
3
|
2
|
1
G319
0
G320



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com