Electronic Components Datasheet Search
  English  ▼

X  

ST7787 Datasheet(PDF) 153 Page - Sitronix Technology Co., Ltd.

Part # ST7787
Description  262K Color Single-Chip TFT Controller/Driver
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7787 Datasheet(HTML) 153 Page - Sitronix Technology Co., Ltd.

Back Button ST7787 Datasheet HTML 149Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 150Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 151Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 152Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 153Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 154Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 155Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 156Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 157Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 217 page
background image
ST7787
Ver. 1.7
2008.04.18
153
10.1.30 IDMOFF (38h): Idle Mode Off
38H
IDMOFF (Idle Mode Off)
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
(Code)
IDMOFF
0
↑
1
-
0
0
1
1
1
0
0
0
(38h)
1st Parameter
No Parameter
-
NOTE: “-” Don’t care, can be set to VDDI or DGND level
Description
-This command is used to recover from Idle mode on.
-There will be no abnormal visible effect on the display mode change transition.
-In the idle off mode,
1. LCD can display 4096, 65k or 262k colors.
2. Normal frame frequency is applied.
Restriction
-This command has no effect when module is already in idle off mode.
Register
Availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
Yes
Partial Mode On, Idle Mode On, Sleep Out
Yes
Sleep In
Yes
Default
Status
Default Value
Power On Sequence
Idle Mode Off
S/W Reset
Idle Mode Off
H/W Reset
Idle Mode Off
Flow Chart
Legend
Idle mode on
Command
Parameter
IDMOFF (38h)
Display
Action
Idle mode off
Mode
Sequential
transfer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com