Electronic Components Datasheet Search
  English  ▼

X  

ST7787 Datasheet(PDF) 154 Page - Sitronix Technology Co., Ltd.

Part # ST7787
Description  262K Color Single-Chip TFT Controller/Driver
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7787 Datasheet(HTML) 154 Page - Sitronix Technology Co., Ltd.

Back Button ST7787 Datasheet HTML 150Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 151Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 152Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 153Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 154Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 155Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 156Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 157Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 158Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 217 page
background image
ST7787
Ver. 1.7
2008.04.18
154
10.1.31 IDMON (39h): Idle Mode On
39H
IDMON (Idle Mode On)
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
(Code)
IDMOFF
0
↑
1
-
0
0
1
1
1
0
0
1
(39h)
1st Parameter
No Parameter
-
NOTE: “-” Don’t care, can be set to VDDI or DGND level
Description
-This command is used to enter into Idle mode on.
-There will be no abnormal visible effect on the display mode change transition.
-In the idle on mode,
1. Color expression is reduced. The primary and the secondary colors using MSB of each R,G and B in
the Frame Memory, 8 color depth data is displayed.
2. 8-Color mode frame frequency is applied.
3. Exit from IDMON by Idle Mode Off (38h) command
Color
R5 R4 R3 R2 R1 R0
G5 G4 G3 G2 G1 G0
B5 B4 B3 B4 B1 B0
Black
0xxxxx
0xxxxx
0xxxxx
Blue
0xxxxx
0xxxxx
1xxxxx
Red
1xxxxx
0xxxxx
0xxxxx
Magenta
1xxxxx
0xxxxx
1xxxxx
Green
0xxxxx
1xxxxx
0xxxxx
Cyan
0xxxxx
1xxxxx
1xxxxx
Yellow
1xxxxx
1xxxxx
0xxxxx
White
1xxxxx
1xxxxx
1xxxxx
Restriction
This command has no effect when module is already in idle on mode.
Register
Availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
No
Partial Mode On, Idle Mode On, Sleep Out
No
Sleep In
Yes
Default
Status
Default Value
Power On Sequence
Idle Mode Off
S/W Reset
Idle Mode Off
H/W Reset
Idle Mode Off
Top-Left (0,0)
(Example)
Memory
Display



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com