Electronic Components Datasheet Search
  English  ▼

X  

ST7787 Datasheet(PDF) 157 Page - Sitronix Technology Co., Ltd.

Part # ST7787
Description  262K Color Single-Chip TFT Controller/Driver
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7787 Datasheet(HTML) 157 Page - Sitronix Technology Co., Ltd.

Back Button ST7787 Datasheet HTML 153Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 154Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 155Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 156Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 157Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 158Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 159Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 160Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 161Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 217 page
background image
ST7787
Ver. 1.7
2008.04.18
157
10.1.33 OTP-Process (3Fh): OTP-Process
3FH
OTP-Process
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
(Code)
GMCTRP1
0
-↑
1
-
0
0
1
1
1
1
1
1
(3Fh)
1
st Parameter
1
-↑
1
-
1
1
0
0
1
0
1
0
CAh
2
rd Parameter
1
-↑
1
-
0
0
0
0
0
0
INI
0
Description
-While EXTC is fixed to L.
Please set INI to “1” for enable OTP
rogramming
-While EXTC is fixed to “L”
Please set INI to “0” for disable OTP programing
Restriction
-If this register not using the register need be reserved.
-After adjust the C5H command(VcomH voltage) and C6H command(VcomAC voltage), VPP connect
≧7.5V.
Register
Availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
Yes
Partial Mode On, Idle Mode On, Sleep Out
Yes
Sleep In
Yes
Default
Status
Default Value
Power On Sequence
Not Fixed
S/W Reset
00h
H/W Reset
00h
Flow Chart
Legend
Command
Parameter
Display
Action
Mode
Sequential
transfer
1st Parameter:
------------------
OTP-process (FAh)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com