Electronic Components Datasheet Search
  English  ▼

X  

ST7787 Datasheet(PDF) 160 Page - Sitronix Technology Co., Ltd.

Part # ST7787
Description  262K Color Single-Chip TFT Controller/Driver
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7787 Datasheet(HTML) 160 Page - Sitronix Technology Co., Ltd.

Back Button ST7787 Datasheet HTML 156Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 157Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 158Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 159Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 160Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 161Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 162Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 163Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 164Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 217 page
background image
ST7787
Ver. 1.7
2008.04.18
160
10.1.36 RDID3 (DCh): Read ID3 Value
DCH
RDID3 (Read ID2 Value)
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
(Code)
RDID3
0
↑
1
-
1
1
0
1
1
1
0
0
(DCh)
1
st Parameter
1
1
↑
-
-
-
-
-
-
-
-
-
-
2
nd Parameter
1
1
↑
-
ID37
ID36
ID35
ID34
ID33
ID32
ID31
ID30
NOTE: “-” Don’t care, can be set to VDDI or DGND level
Description
-This read byte returns 8-bit LCD module/driver ID.
-The 1
st parameter is dummy data
-The 2
nd parameter (ID37 to ID30): LCD module/driver ID.
NOTE: See command RDDID (04h), 4
th parameter.
Restriction
-
Register
Availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
No
Partial Mode On, Idle Mode On, Sleep Out
No
Sleep In
Yes
Default
Status
Default Value
Power On Sequence
FF
S/W Reset
FF
H/W Reset
FF
Flow Chart
Serial I/F Mode
RDID3 (DCh)
Send 2
nd parameter:
ID3[7:0]
Part
RDID3 (DCh)
Dummy Read
Host
Driver
Legend
Command
Parameter
Display
Action
Send 2
nd parameter:
ID3[7:0]
Mode
Sequential
transfer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com