Electronic Components Datasheet Search
  English  ▼

X  

ST7787 Datasheet(PDF) 162 Page - Sitronix Technology Co., Ltd.

Part # ST7787
Description  262K Color Single-Chip TFT Controller/Driver
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7787 Datasheet(HTML) 162 Page - Sitronix Technology Co., Ltd.

Back Button ST7787 Datasheet HTML 158Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 159Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 160Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 161Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 162Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 163Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 164Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 165Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 166Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 217 page
background image
ST7787
Ver. 1.7
2008.04.18
162
10.2.2 FRMCTR1 (B1h): Frame Rate Control (In normal mode/ Full colors)
B1H
FRMCTR1 (Frame Rate Control)
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
(Code)
FRMCTR1
0
↑
1
-
1
0
1
1
0
0
0
1
(B1h)
1
st Parameter
1
↑
1
-
---
RTNA[6]
RTNA[5]
RTNA[4]
RTNA[3]
RTNA[2]
RTNA[1]
RTNA[0]
-
2
nd Parameter
1
↑
1
-
---
---
---
FPA[4]
FPA[3]
FPA[2]
FPA[1]
FPA[0]
-
3th Parameter
-
---
---
---
BPA[4]
BPA[3]
BPA[2]
BPA[1]
BPA[0]
NOTE: “-“ Don’t care
Description
-Set the frame frequency of the full colors normal mode.
-The frame frequency need to meet 60Hz ±5% in this mode.
RTNA[6:0]
Frame Rate
RTNA[6:0]
Frame Rate
0101000
40
90
1010100
84
43
0101001
41
88
1010101
85
43
0101010
42
86
1010110
86
42
0101011
43
84
1010111
87
42
0101100
44
82
1011000
88
41
0101101
45
80
1011001
89
41
0101110
46
78
1011010
90
40
0101111
47
77
1011011
91
40
0110000
48
75
1011100
92
40
0110001
49
74
1011101
93
39
0110010
50
72
1011110
94
39
0110011
51
71
1011111
95
38
0110100
52
70
1100000
96
38
0110101
53
68
1100001
97
37
0110110
54
67
1100010
98
37
0110111
55
66
1100011
99
37
0111000
56
65
1100100
100
36
0111001
57
63
1100101
101
36
0111010
58
62
1100110
102
36
0111011
59
61
1100111
103
35
0111100
60
60
1101000
104
35
0111101
61
59
1101001
105
35
0111110
62
59
1101010
106
34
0111111
63
57
1101011
107
34
1000000
64
57
1101100
108
34
1000001
65
56
1101101
109
33
1000010
66
55
1101110
110
33
1000011
67
54
1101111
111
33
1000100
68
53
1110000
112
32
1000101
69
53
1110001
113
32
1000110
70
52
1110010
114
32
1000111
71
51
1110011
115
32
1001000
72
51
1110100
116
31
1001001
73
50
1110101
117
31
1001010
74
49
1110110
118
31
1001011
75
48
1110111
119
31
1001100
76
48
1111000
120
30
1001101
77
47
1111001
121
30
1001110
78
47
1111010
122
30
1001111
79
46
1111011
123
30
1010000
80
45
1111100
124
29
1010001
81
45
1111101
125
29
1010010
82
44
1111110
126
29
1010011
83
44
1111111
127
29
Note: OSC output fre. Is 1.2MHz, FPA=02H and BPA=02H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com