Electronic Components Datasheet Search
  English  ▼

X  

ST7787 Datasheet(PDF) 166 Page - Sitronix Technology Co., Ltd.

Part # ST7787
Description  262K Color Single-Chip TFT Controller/Driver
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7787 Datasheet(HTML) 166 Page - Sitronix Technology Co., Ltd.

Back Button ST7787 Datasheet HTML 162Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 163Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 164Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 165Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 166Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 167Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 168Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 169Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 170Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 217 page
background image
ST7787
Ver. 1.7
2008.04.18
166
FPB[4:0]
Timing
BPB[4:0]
Timing
00000
0
0 line
00000
0
0 line
00001
1
1 line
00001
1
1 line
00010
2
2 lines
00010
2
2 lines
00011
3
3 lines
00011
3
3 lines
00100
4
4 lines
00100
4
4 lines
00101
5
5 lines
00101
5
5 lines
00110
6
6 lines
00110
6
6 lines
00111
7
7 lines
00111
7
7 lines
01000
8
8 lines
01000
8
8 lines
01001
9
9 lines
01001
9
9 lines
01010
10
10 lines
01010
10
10 lines
01011
11
11 lines
01011
11
11 lines
01100
12
12 lines
01100
12
12 lines
01101
13
13 lines
01101
13
13 lines
01110
14
14 lines
01110
14
14 lines
01111
15
15 lines
01111
15
15 lines
10000
16
16 lines
10000
16
16 lines
10001
17
17 lines
10001
17
17 lines
10010
18
18 lines
10010
18
18 lines
10011
19
19 lines
10011
19
19 lines
10100
20
20 lines
10100
20
20 lines
10101
21
21 lines
10101
21
21 lines
10110
22
22 lines
10110
22
22 lines
10111
23
23 lines
10111
23
23 lines
11000
24
24 lines
11000
24
24 lines
11001
25
25 lines
11001
25
25 lines
11010
26
26 lines
11010
26
26 lines
11011
27
27 lines
11011
27
27 lines
11100
28
28 lines
11100
28
28 lines
11101
29
29 lines
11101
29
29 lines
11110
30
30 lines
11110
30
30 lines
11111
31
31 lines
11111
31
31 lines
Restriction
-If this register not using the register need be reserved.
Register
Availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
Yes
Partial Mode On, Idle Mode On, Sleep Out
Yes
Sleep In
Yes
Default
Default Value
Status
RTNB
FPB
BPB
Power On Sequence
38H
02H
02H
S/W Reset
38H
02H
02H
H/W Reset
38H
02H
02H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com