Electronic Components Datasheet Search
  English  ▼

X  

ST7787 Datasheet(PDF) 169 Page - Sitronix Technology Co., Ltd.

Part # ST7787
Description  262K Color Single-Chip TFT Controller/Driver
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7787 Datasheet(HTML) 169 Page - Sitronix Technology Co., Ltd.

Back Button ST7787 Datasheet HTML 165Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 166Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 167Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 168Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 169Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 170Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 171Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 172Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 173Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 217 page
background image
ST7787
Ver. 1.7
2008.04.18
169
Note: OSC output fre. Is 1.2MHz, FPA=02H and BPA=02H
RTND[6:0]
Frame Rate
RTND[6:0]
Frame Rate
0101000
40
867
1010100
84
42
0101001
41
85
1010101
85
41
0101010
42
83
1010110
86
41
0101011
43
81
1010111
87
40
0101100
44
79
1011000
88
40
0101101
45
77
1011001
89
39
0101110
46
75
1011010
90
39
0101111
47
74
1011011
91
38
0110000
48
72
1011100
92
38
0110001
49
71
1011101
93
38
0110010
50
69
1011110
94
37
0110011
51
68
1011111
95
37
0110100
52
67
1100000
96
36
0110101
53
66
1100001
97
36
0110110
54
64
1100010
98
36
0110111
55
63
1100011
99
35
0111000
56
62
1100100
100
35
0111001
57
61
1100101
101
35
0111010
58
60
1100110
102
34
0111011
59
59
1100111
103
34
0111100
60
58
1101000
104
34
0111101
61
57
1101001
105
33
0111110
62
56
1101010
106
33
0111111
63
55
1101011
107
33
1000000
64
55
1101100
108
32
1000001
65
54
1101101
109
32
1000010
66
53
1101110
110
32
1000011
67
52
1101111
111
32
1000100
68
51
1110000
112
31
1000101
69
51
1110001
113
31
1000110
70
50
1110010
114
31
1000111
71
49
1110011
115
30
1001000
72
49
1110100
116
30
1001001
73
48
1110101
117
30
1001010
74
47
1110110
118
30
1001011
75
47
1110111
119
29
1001100
76
46
1111000
120
29
1001101
77
45
1111001
121
29
1001110
78
45
1111010
122
29
1001111
79
44
1111011
123
28
1010000
80
44
1111100
124
28
1010001
81
43
1111101
125
28
1010010
82
43
1111110
126
28
1010011
83
42
1111111
127
28
Note: OSC output fre. Is 1.2MHz, FPA=02H and BPA=02H
Restriction
-If this register not using the register need be reserved.
Register
Availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
Yes
Partial Mode On, Idle Mode On, Sleep Out
Yes
Sleep In
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com