Electronic Components Datasheet Search
  English  ▼

X  

ST7787 Datasheet(PDF) 165 Page - Sitronix Technology Co., Ltd.

Part # ST7787
Description  262K Color Single-Chip TFT Controller/Driver
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7787 Datasheet(HTML) 165 Page - Sitronix Technology Co., Ltd.

Back Button ST7787 Datasheet HTML 161Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 162Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 163Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 164Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 165Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 166Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 167Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 168Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 169Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 217 page
background image
ST7787
Ver. 1.7
2008.04.18
165
10.2.3 FRMCTR2 (B2h): Frame Rate Control (In Idle mode/ 8-colors)
B2H
FRMCTR2 (Frame Rate Control)
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
(Code)
FRMCTR2
0
↑
1
-
1
0
1
1
0
0
1
0
(B2h)
1
st Parameter
1
↑
1
-
---
RTNB[6]
RTNB[5]
RTNB[4]
RTNB[3]
RTNB[2]
RTNB[1]
RTNB[0]
-
2
nd Parameter
1
↑
1
-
---
---
---
FPB[4]
FPB[3]
FPB[2]
FPB[1]
FPB[0]
-
3th Parameter
1
↑
1
-
---
---
---
BPB[4]
BPB[3]
BPB[2]
BPB[1]
BPB[0]
NOTE: “-“ Don’t care
Description
-Set the frame frequency of the Idle mode.
-The frame frequency need to meet 60Hz ±5% in this mode.
RTNB[6:0]
Frame Rate
RTNB[6:0]
Frame Rate
0101000
40
87
1010100
84
42
0101001
41
85
1010101
85
41
0101010
42
83
1010110
86
41
0101011
43
81
1010111
87
40
0101100
44
79
1011000
88
40
0101101
45
78
1011001
89
40
0101110
46
76
1011010
90
39
0101111
47
74
1011011
91
39
0110000
48
73
1011100
92
38
0110001
49
71
1011101
93
38
0110010
50
70
1011110
94
37
0110011
51
69
1011111
95
37
0110100
52
67
1100000
96
37
0110101
53
66
1100001
97
36
0110110
54
65
1100010
98
36
0110111
55
64
1100011
99
36
0111000
56
63
1100100
100
35
0111001
57
62
1100101
101
35
0111010
58
60
1100110
102
35
0111011
59
59
1100111
103
34
0111100
60
58
1101000
104
34
0111101
61
58
1101001
105
34
0111110
62
57
1101010
106
33
0111111
63
56
1101011
107
33
1000000
64
55
1101100
108
33
1000001
65
54
1101101
109
32
1000010
66
53
1101110
110
32
1000011
67
52
1101111
111
32
1000100
68
52
1110000
112
31
1000101
69
51
1110001
113
31
1000110
70
50
1110010
114
31
1000111
71
50
1110011
115
31
1001000
72
49
1110100
116
30
1001001
73
48
1110101
117
30
1001010
74
47
1110110
118
30
1001011
75
47
1110111
119
30
1001100
76
46
1111000
120
29
1001101
77
46
1111001
121
29
1001110
78
45
1111010
122
29
1001111
79
44
1111011
123
29
1010000
80
44
1111100
124
28
1010001
81
43
1111101
125
28
1010010
82
43
1111110
126
28
1010011
83
42
1111111
127
28
Note: OSC output fre. Is 1.2MHz, FPA=02H and BPA=02H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com