Electronic Components Datasheet Search
  English  ▼

X  

ST7787 Datasheet(PDF) 172 Page - Sitronix Technology Co., Ltd.

Part # ST7787
Description  262K Color Single-Chip TFT Controller/Driver
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7787 Datasheet(HTML) 172 Page - Sitronix Technology Co., Ltd.

Back Button ST7787 Datasheet HTML 168Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 169Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 170Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 171Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 172Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 173Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 174Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 175Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 176Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 217 page
background image
ST7787
Ver. 1.7
2008.04.18
172
10.2.6 RGBBPCTR (B5h): RGB Interface Blanking Porch setting
B5H
RGBPSET (RGB Interface Blanking Porch setting)
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
(Code)
RGBBPCTR
0
↑
1
-
1
0
1
1
0
1
0
1
(B5h)
1
st Parameter
1
↑
1
-
---
---
---
---
VFP[3]
VFP[2]
VFP[1]
VFP[0]
-
2
nd Parameter
1
↑
1
-
---
---
---
---
VBP[3]
VBP[2]
VBP[1]
VBP[0]
-
3
rd Parameter
1
↑
1
---
---
---
---
HFP[3]
HFP[2]
HFP[1]
HFP[0]
4
th Parameter
1
↑
1
---
---
---
---
HBP[3]
HBP[2]
HBP[1]
HBP[0]
NOTE: “-“ Don’t care
Description
-Set the blanking porch in the RGB interface
-The detail settings are designed by driver maker.
Restriction
-If this register not using the register need be reserved.
Register
Availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
Yes
Partial Mode On, Idle Mode On, Sleep Out
Yes
Sleep In
Yes
Default
Default Value
Status
VFP[3:0]
VBP[3:0]
HFP[3:0]
HBP[3:0]
Power On Sequence
00H
02H
09H
09H
S/W Reset
00H
02H
09H
09H
H/W Reset
00H
02H
09H
09H
Flow Chart
-------------
RGBBPCTR1 (B5h)
1
st Parameter:
2
nd Parameter:
3
rd Parameter:
4
th Parameter:
Legend
Command
Parameter
Display
Action
Mode
Sequential
transfer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com