Electronic Components Datasheet Search
  English  ▼

X  

ST7787 Datasheet(PDF) 176 Page - Sitronix Technology Co., Ltd.

Part # ST7787
Description  262K Color Single-Chip TFT Controller/Driver
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7787 Datasheet(HTML) 176 Page - Sitronix Technology Co., Ltd.

Back Button ST7787 Datasheet HTML 172Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 173Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 174Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 175Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 176Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 177Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 178Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 179Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 180Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 217 page
background image
ST7787
Ver. 1.7
2008.04.18
176
10.2.9 VSYNCIN (BDh):
BDH
VSYNCIN
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
(Code)
VSYNCOUT
0
↑
1
-
1
0
1
1
1
1
0
1
(BDh)
1
st Parameter
No Parameter
NOTE: “-“ Don’t care
Description
-The frame to which the command is input finishes sending data by an internal vertical synchronizing
signal. Afterward, an external vertical synchronizing signal is waiting for at the rest period. The
operation after that becomes external synchronous. Operation enters the rest period when the
transmission of data ends for one frame while the external is synchronizing.
wait: Synchronous waiting period.
Operation is external VSYNC perceives “L” level of the VSYNC signal and internal operate and after
synchronization t, scans the display for one frame. External VSYNC signal through TE pin.
Operation enters the synchronous waiting period again when the display sacanning ends.
Restriction
-If this register not using the register need be reserved.
Register
Availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
Yes
Partial Mode On, Idle Mode On, Sleep Out
Yes
Sleep In
Yes
Default
Status
Default Value
Power On Sequence
OFF
S/W Reset
OFF
H/W Reset
OFF
Flow Chart
Legend
Command
Parameter
Display
Action
Mode
Sequential
transfer
Exxternal VSYNC
disable
VSYNCOUT(BDh)
External VSYNC
enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com