Electronic Components Datasheet Search
  English  ▼

X  

ST7787 Datasheet(PDF) 175 Page - Sitronix Technology Co., Ltd.

Part # ST7787
Description  262K Color Single-Chip TFT Controller/Driver
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7787 Datasheet(HTML) 175 Page - Sitronix Technology Co., Ltd.

Back Button ST7787 Datasheet HTML 171Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 172Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 173Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 174Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 175Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 176Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 177Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 178Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 179Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 217 page
background image
ST7787
Ver. 1.7
2008.04.18
175
10.2.8 VSYNCOUT (BCh):
BCH
VSYNCOUT
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
(Code)
VSYNCOUT
0
↑
1
-
1
0
1
1
1
1
0
0
(BCh)
1
st Parameter
No Parameter
NOTE: “-“ Don’t care
Description
This command comes off external VSYNC a display synchronous.
Operation shifts to an internal synchronous mode by the VSYNCOUT command while external VSYNC
is synchronizing. VSYNCOUT command is recognized frame synchronously. The shift operation
becomes the same for the VSYNCOUT command issued within the range of the inside of the figure.
Restriction -If this register not using the register need be reserved.
Register
Availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
Yes
Partial Mode On, Idle Mode On, Sleep Out
Yes
Sleep In
Yes
Default
Status
Default Value
Power On Sequence
OFF
S/W Reset
OFF
H/W Reset
OFF
Flow
Chart
Legend
Command
Parameter
Display
Action
Mode
Sequential
transfer
Exxternal VSYNC
enable
VSYNCOUT(BCh)
External VSYNC
disable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com