Electronic Components Datasheet Search
  English  ▼

X  

ST7787 Datasheet(PDF) 173 Page - Sitronix Technology Co., Ltd.

Part # ST7787
Description  262K Color Single-Chip TFT Controller/Driver
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7787 Datasheet(HTML) 173 Page - Sitronix Technology Co., Ltd.

Back Button ST7787 Datasheet HTML 169Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 170Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 171Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 172Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 173Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 174Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 175Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 176Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 177Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 217 page
background image
ST7787
Ver. 1.7
2008.04.18
173
10.2.7 DISSET5 (B6h): Display Function set 5
B6H
DISSET (Display Function set 5)
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
(Code)
DISSET5
0
↑
1
-
1
0
1
1
0
1
1
0
(B6h)
1
st Parameterr
1
↑
1
-
---
---
NO1
NO0
STD1
STD0
EQ1
EQ0
02h
2
nd Paramete
1
↑
1
-
---
---
---
---
PTG1
PTG0
PT1
PT0
02h
NOTE: “-“ Don’t care
Description
-1st parameter: Set output waveform relation.
-NO[1:0]: Set the amount of non-overlap of the gate output
NO[1:0]
Amount of non-overlap of the gate output
Refer the Internal oscillator
Refer the PCLK
00
0
2 clock cycle
8 clock cycle
01
1
4 clock cycle
16 clock cycle
10
2
8 clock cycle
32 clock cycle
11
3
10 clock cycle
40 clock cycle
-SDT[1:0]: Set delay amount from gate signal falling edge of the source output.
SDT[1:0]
Amount of non-overlap of the gate output
Refer the Internal oscillator
Refer the PCLK
00
0
1 clock cycle
4 clock cycle
01
1
2 clock cycle
8 clock cycle
10
2
3 clock cycle
12 clock cycle
11
3
4 clock cycle
16 clock cycle
-EQ[1:0]: Set the Equalizing period
-2nd parameter: Set the output waveform in non-display area.
-PTG[1:0]: Determine gate output in a non-display area in the partial mode
-PT[1:0]: Determine Source /VCOM output in a non-display area in the partial mode
EQ[1:0]
Amount of non-overlap of the gate output
Refer the Internal oscillator
Refer the PCLK
00
0
0 clock cycle
0 clock cycle
01
1
4 clock cycle
16 clock cycle
10
2
6 clock cycle
24 clock cycle
11
3
8 clock cycle
32 clock cycle
PTG[1:0]
Gate output in a non-display area
00
0
Normal scan
01
1
Fix on VGL
10
2
Fix on VGL
11
3
Fix on VGL
Source output on non-display area
VCOM output on non-display area
PT[1:0]
Positive
Negative
Positive
Negative
00
0
V63
V0
VCOML
VCOMH
01
1
V0
V63
VCOML
VCOMH
10
2
AGND
AGND
AGND
AGND
11
3
Hi-z
Hi-z
AGND
AGND
Restriction
-If this register not using the register need be reserved.
Gn
Gate Non-overlap period
Gn+1
Sn
VCOM
Delay
time
for
source
output
EQ period



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com