Electronic Components Datasheet Search
  English  ▼

X  

ST7787 Datasheet(PDF) 171 Page - Sitronix Technology Co., Ltd.

Part # ST7787
Description  262K Color Single-Chip TFT Controller/Driver
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7787 Datasheet(HTML) 171 Page - Sitronix Technology Co., Ltd.

Back Button ST7787 Datasheet HTML 167Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 168Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 169Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 170Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 171Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 172Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 173Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 174Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 175Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 217 page
background image
ST7787
Ver. 1.7
2008.04.18
171
10.2.5 INVCTR (B4h): Display Inversion Control
B4H
INVCTR (Display Inversion Control)
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
(Code)
INVCTR
0
↑
1
-
1
0
1
1
0
1
0
0
(B4h)
1
st Parameter
1
↑
1
-
0
0
0
0
0
NLA
NLB
NLC
02h
NOTE: “-“ Don’t care
Description
-Display Inversion mode control
-NLA: Inversion setting in full colors normal mode (Normal mode on)
NLA
Inversion setting in full Colors normal mode
0
Line Inversion
1
Frame Inversion
-NLB: Inversion setting in Idle mode (Idle mode on)
NLB
Inversion setting in Idle mode
0
Line Inversion
1
Frame Inversion
-NLC: Inversion setting in full colors partial mode (Partial mode on / Idle mode off)
NLC
Inversion setting in full Colors partial mode
0
Line Inversion
1
Frame Inversion
Restriction
-If this register not using the register need be reserved.
Register
Availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
Yes
Partial Mode On, Idle Mode On, Sleep Out
Yes
Sleep In
Yes
Default
Status
Default Value
NLA
NLB
NLC
B4h
Power On Sequence
0d
1d
0d
02h
S/W Reset
0d
1d
0d
02h
H/W Reset
0d
1d
0d
02h
Flow Chart
-------------
INVCTR (B4h)
]
1
st Parameter:
NLA, NLB, NLC
Legend
Command
Parameter
Display
Action
Mode
Sequential
transfer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com