Electronic Components Datasheet Search
  English  ▼

X  

ST7787 Datasheet(PDF) 156 Page - Sitronix Technology Co., Ltd.

Part # ST7787
Description  262K Color Single-Chip TFT Controller/Driver
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7787 Datasheet(HTML) 156 Page - Sitronix Technology Co., Ltd.

Back Button ST7787 Datasheet HTML 152Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 153Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 154Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 155Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 156Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 157Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 158Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 159Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 160Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 217 page
background image
ST7787
Ver. 1.7
2008.04.18
156
10.1.32 COLMOD (3Ah): Interface Pixel Format
3AH
COLMOD (3Ah): Interface Pixel Format
Inst / Para
D/CX WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
(Code)
COLMOD
0
↑
1
-
0
0
1
1
1
0
1
0
(3Ah)
1st Parameter
1
↑
1
-
VIPF3
VIPF2
VIPF1
VIPF0
D3
IFPF2
IFPF1
IFPF0
NOTE: “-” Don’t care, can be set to VDDI or DGND level
Description
This command is used to define the format of RGB picture data, which is to be transferred via the
MCU interface (IFPF) and RGB interface (VIPF). The formats are shown in the table:
Others are no define and invalid
IFPF[2:0]
MCU Interface Color Format
011
3
12-bit/pixel
101
5
16-bit/pixel
110
6
18-bit/pixel
Others are no define and invalid
VIPF[3:0]
RGB Interface Color Format
0101
5
16-bit/pixel (1-time data transfer)
0110
6
18-bit/pixel (1-time data transfer)
1110
14
8-bit/pixel (3-times data transfer)
Note1: In 12-bit/Pixel, 16-bit/Pixel or 18-bit/Pixel mode, the LUT is applied to transfer data into the Frame Memory.
Note2: When RGB I/F the 12-bit/pixel don’t care
Restriction
There is no visible effect until the Frame Memory is written to.
Register
Availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
No
Partial Mode On, Idle Mode On, Sleep Out
No
Sleep In
Yes
Default
Status
Default Value
IFPF[2:0]
VIPF[3:0]
Power On Sequence
0110(18-bit/Pixel)
0110(18-bit/Pixel)
S/W Reset
No Change
No Change
H/W Reset
0110(18-bit/Pixel)
0110(18-bit/Pixel)
Flow Chart
18-bit/Pixel Mode
Legend
Command
COLMOD (3Ah)
1
st Parameter:
P[2:0]=”111”
Parameter
Display
Action
Mode
16-bit/Pixel Mode
Sequential
transfer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com