Electronic Components Datasheet Search
  English  ▼

X  

ST7787 Datasheet(PDF) 196 Page - Sitronix Technology Co., Ltd.

Part # ST7787
Description  262K Color Single-Chip TFT Controller/Driver
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7787 Datasheet(HTML) 196 Page - Sitronix Technology Co., Ltd.

Back Button ST7787 Datasheet HTML 192Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 193Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 194Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 195Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 196Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 197Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 198Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 199Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 200Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 217 page
background image
ST7787
Ver. 1.7
2008.04.18
196
10.2.22 GMCTRP1 (E0h): Gamma (‘+’polarity) Correction Characteristics Setting
E0H
GMCTRP0 (Gamma ‘+’polarity Correction Characteristics Setting)
Inst / Para
D/CX WRX RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
(Code)
GMCTRP1
0
-↑
1
-
1
1
1
0
0
0
0
0
(E0h)
1
st Parameter
1
-↑
1
-
MVA_EN
-
-
-
RFP0[3] RFP0[2] RFP0[1] RFP0[0]
2
nd Parameter
1
-↑
1
-
-
-
-
-
PKP0[3] PKP0[2] PKP0[1] PKP0[0]
3
rd Parameter
1
-↑
1
-
-
-
-
PKP1[4] PKP1[3] PKP1[2] PKP1[1] PKP1[0]
4
th Parameter
1
-↑
1
-
-
-
-
PKP2[4] PKP2[3] PKP2[2] PKP2[1] PKP2[0]
5
thParameter
1
-↑
1
-
-
-
-
PKP3[4] PKP3[3] PKP3[2] PKP3[1] PKP3[0]
6
th Parameter
1
-↑
1
-
-
-
-
PKP4[4] PKP4[3] PKP4]2] PKP4]1] PKP4]0]
7
th Parameter
1
-↑
1
-
-
-
-
PKP5[4] PKP5[3] PKP5]2] PKP5]1] PKP5]0]
8
th Parameter
1
-↑
1
-
-
-
-
PKP6[4] PKP6[3] PKP6[2] PKP6[1] PKP6[0]
9
th Parameter
1
-↑
1
-
-
-
-
PKP7[4] PKP7[3] PKP7[2] PKP7[1] PKP7[0]
10
th Parameter
1
-↑
1
-
-
-
-
-
PKP8[3] PKP8[2] PKP8[1] PKP8[0]
11
th Parameter
1
-↑
1
-
-
-
-
-
RFP1[3] RFP1[2] RFP1[1] RFP1[0]
12
th Parameter
1
-↑
1
-
-
-
-
-
-
OSP1[2]OSP1[1]OSP1[0]
13
th Parameter
1
-↑
1
-
-
-
-
OSP0[4] OSP0[3]OSP0[2]OSP0[1]OSP0[0]
Description
-When MVA_EN=1, The
Gamma correction select to MVA type
-When MVA_EN=0, The
Gamma correction don’t select to MVA type
Register Group
Negative Polarity
Set-up Contents
High level adjustment
RFP0[3:0]
Variable resistor VRHP
PKP0[3:0]
The voltage of grayscale number 3 is selected by
the 16 to 1 selector
PKP1[4:0]
The voltage of grayscale number 6 is selected by
the 32 to 1 selector
PKP2[4:0]
The voltage of grayscale number 11 is selected by
the 32 to 1 selector
PKP3[4:0]
The voltage of grayscale number 20 is selected by
the 32 to 1 selector
PKP4[4:0]
The voltage of grayscale number 31 is selected by
the 32 to 1 selector
PKP5[4:0]
The voltage of grayscale number 43 is selected by
the 32 to 1 selector
PKP6[4:0]
The voltage of grayscale number 52 is selected by
the 32 to 1 selector
PKP7[4:0]
The voltage of grayscale number 57 is selected by
the 32 to 1 selector
PKP8[3:0]
The voltage of grayscale number 60 is selected by
the 16 to 1 selector
RFP1[3:0]
The voltage of grayscale number 1 is selected by
the 16 to 1 selector
Mid level adjustment
OSP1[2:0]
The voltage of grayscale number 62 is selected by
the 7 to 1 selector
Low level adjustment
OSP0[4:0]
Variable resistor VRLP
Restriction
-
Register
Availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
Yes
Partial Mode On, Idle Mode On, Sleep Out
Yes
Sleep In
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com