Electronic Components Datasheet Search
  English  ▼

X  

ST7787 Datasheet(PDF) 198 Page - Sitronix Technology Co., Ltd.

Part # ST7787
Description  262K Color Single-Chip TFT Controller/Driver
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7787 Datasheet(HTML) 198 Page - Sitronix Technology Co., Ltd.

Back Button ST7787 Datasheet HTML 194Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 195Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 196Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 197Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 198Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 199Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 200Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 201Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 202Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 217 page
background image
ST7787
Ver. 1.7
2008.04.18
198
10.2.23 GMCTRN1 (E1h): Gamma (‘-’polarity) Correction Characteristics Setting
E1H
GMCTRP0 (Gamma ‘+’polarity Correction Characteristics Setting)
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
(Code)
GMCTRP1
0
-↑
1
-
1
1
1
0
0
0
0
0
(E1h)
1
st Parameter
1
-↑
1
-
-
-
-
-
RFN0[3] RFN0[2] RFN0[1] RFN0[0]
2
nd Parameter
1
-↑
1
-
-
-
-
-
PKN0[3] PKN0[2] PKN0[1] PKN0[0]
3
rd Parameter
1
-↑
1
-
-
-
-
PKN1[4] PKN1[3] PKN1[2] PKN1[1] PKN1[0]
4
th Parameter
1
-↑
1
-
-
-
-
PKN2[4] PKN2[3] PKN2[2] PKN2[1] PKN2[0]
5
thParameter
1
-↑
1
-
-
-
-
PKN3[4] PKN3[3] PKN3[2] PKN3[1] PKN3[0]
6
th Parameter
1
-↑
1
-
-
-
-
PKN4[4] PKN4[3] PKN4]2] PKN4]1] PKN4]0]
7
th Parameter
1
-↑
1
-
-
-
-
PKN5[4] PKN5[3] PKN5]2] PKN5]1] PKN5]0]
8
th Parameter
1
-↑
1
-
-
-
-
PKN6[4] PKN6[3] PKN6[2] PKN6[1] PKN6[0]
9
th Parameter
1
-↑
1
-
-
-
-
PKN7[4] PKN7[3] PKN7[2] PKN7[1] PKN7[0]
10
th Parameter
1
-↑
1
-
-
-
-
-
PKN8[3] PKN8[2] PKN8[1] PKN8[0]
11
th Parameter
1
-↑
1
-
-
-
-
-
RFN1[3] RFN1[2] RFN1[1] RFN1[0]
12
th Parameter
1
-↑
1
-
-
-
-
-
-
OSN1[2]OSN1[1]OSN1[0]
13
th Parameter
1
-↑
1
-
-
-
-
OSN0[4] OSN0[3] OSN0[2]OSN0[1]OSN0[0]
Description
Register Group
Negative Polarity
Set-up Contents
High level adjustment
RFN0[3:0]
Variable resistor VRHN
PKN0[3:0]
The voltage of grayscale number 3 is selected by
the 16to 1 selector
PKN1[4:0]
The voltage of grayscale number 6 is selected by
the 32 to 1 selector
PKP2[4:0]
The voltage of grayscale number 11 is selected by
the 32 to 1 selector
PKN3[4:0]
The voltage of grayscale number 20 is selected by
the 32 to 1 selector
PKN4[4:0]
The voltage of grayscale number 31 is selected by
the 32 to 1 selector
PKN5[4:0]
The voltage of grayscale number 43 is selected by
the 32 to 1 selector
PKN6[4:0]
The voltage of grayscale number 52 is selected by
the 32 to 1 selector
PKN7[4:0]
The voltage of grayscale number 57 is selected by
the 64 to 1 selector
PKN8[3:0]
The voltage of grayscale number 60 is selected by
the 16 to 1 selector
RFN1[3:0]
The voltage of grayscale number 1 is selected by
the 16 to 1 selector
Mid level adjustment
OSN1[2:0]
The voltage of grayscale number 62 is selected by
the 7 to 1 selector
Low level adjustment
OSN0[4:0]
Variable resistor VRLN
Restriction
-
Register
Availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
Yes
Partial Mode On, Idle Mode On, Sleep Out
Yes
Sleep In
Yes
Default
Status
Default Value
Power On Sequence
Not Fixed
S/W Reset
Not Fixed
H/W Reset
Not Fixed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com