Electronic Components Datasheet Search
  English  ▼

X  

ST7787 Datasheet(PDF) 194 Page - Sitronix Technology Co., Ltd.

Part # ST7787
Description  262K Color Single-Chip TFT Controller/Driver
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7787 Datasheet(HTML) 194 Page - Sitronix Technology Co., Ltd.

Back Button ST7787 Datasheet HTML 190Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 191Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 192Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 193Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 194Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 195Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 196Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 197Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 198Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 217 page
background image
ST7787
Ver. 1.7
2008.04.18
194
10.2.20 OTP-Load (Deh): OTP read command
DEH
OTP-Load
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
(Code)
OTP-read
0
↑
1
-
1
1
0
1
1
1
1
0
(Deh)
1
st Parameter
1
↑
1
-
0
1
1
1
0
1
0
1
(75H)
Description
-Read OTP value
After OTP
rogramming, IC will download the OTP value. If you change the VcomH register, you
can execute Deh command to re-download OTP.
Restriction
-If this register not using the register need be reserved.
Register
Availability
Status
Availability
Normal Mode On, Idle Mode Ooff, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
Yes
Partial Mode Off, Idle Mode On, Sleep Out
Yes
Sleep In
No
Default
Status
Default Value
Power On Sequence
75h
S/W Reset
75h
H/W Reset
75h
Flow Chart
Legend
Command
Parameter
Display
Action
Mode
Sequential
transfer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com