Electronic Components Datasheet Search
  English  ▼

X  

ST7787 Datasheet(PDF) 191 Page - Sitronix Technology Co., Ltd.

Part # ST7787
Description  262K Color Single-Chip TFT Controller/Driver
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7787 Datasheet(HTML) 191 Page - Sitronix Technology Co., Ltd.

Back Button ST7787 Datasheet HTML 187Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 188Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 189Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 190Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 191Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 192Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 193Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 194Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 195Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 217 page
background image
ST7787
Ver. 1.7
2008.04.18
191
10.2.17 WRID1 (D0h): OTP ID1 set LCM version code
D0H
OTP ID1 set LCM version code
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
(Code)
OTP-read
0
↑
1
-
1
1
0
1
0
0
0
0
(D0h)
1
st Parameter
1
↑
1
-
ID17
ID16
ID15
ID14
ID13
ID12
ID11
ID10
Description
-OTP ID1 set the LCM version code
Restriction
-If this register not using the register need be reserved.
-After adjust the C5H command(VcomH voltage) and C6H command(VcomAC voltage), VPP connect
7.5V.
Register
Availability
Status
Availability
Normal Mode On, Idle Mode Ooff, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
Yes
Partial Mode Off, Idle Mode On, Sleep Out
Yes
Sleep In
No
Default
Status
Default Value
Power On Sequence
N/A
S/W Reset
N/A
H/W Reset
N/A
Flow Chart
Legend
Command
Parameter
Display
Action
Mode
Sequential
transfer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com