Electronic Components Datasheet Search
  English  ▼

X  

ST7787 Datasheet(PDF) 187 Page - Sitronix Technology Co., Ltd.

Part # ST7787
Description  262K Color Single-Chip TFT Controller/Driver
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7787 Datasheet(HTML) 187 Page - Sitronix Technology Co., Ltd.

Back Button ST7787 Datasheet HTML 183Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 184Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 185Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 186Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 187Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 188Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 189Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 190Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 191Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 217 page
background image
ST7787
Ver. 1.7
2008.04.18
187
10.2.15 VMCTR1 (C5h): VCOM Control 1
C5H
VMCTR1 (VCOM Control 1)
Inst / Para
D/CX WRX RDX D17-8 D7
D6
D5
D4
D3
D2
D1
D0
(Code)
VMCTR1
0
↑
1
-
1
1
0
0
0
1
0
1
(C5h)
1
st Parameter
1
↑
1
-
0
VMH_R6
VMH_R5
VMH_R4
VMH_R3
VMH_R2
VMH_R1
VMH_R0
2
nd Parameter
1
↑
1
-
0
VMH
_IDMON6
VMH
_IDMON5
VMH
_IDMON4
VMH
_IDMON3
VMH
_IDMON2
VMH
_IDMON1
VMH
_IDMON0
3
rd Parameter
1
↑
1
-
nVM0
---
----
----
----
----
----
----
NOTE: “-“ Don’t care
Description
-Set VCOMH Voltage in normal mode/full colors.
VMH[6:0]
VCOMH
VMH[6:0]
VCOMH
VMH[6:0]
VCOMH
VMH[6:0]
VCOMH
0000000
0
2.500
0011011
27
3.175
0110110
54
3.850
1010001
81
4.525
0000001
1
2.525
0011100
28
3.200
0110111
55
3.875
1010010
82
4.550
0000010
2
2.550
0011101
29
3.225
0111000
56
3.900
1010011
83
4.575
0000011
3
2.575
0011110
30
3.250
0111001
57
3.925
1010100
84
4.600
0000100
4
2.600
0011111
31
3.275
0111010
58
3.950
1010101
85
4.625
0000101
5
2.625
0100000
32
3.300
0111011
59
3.975
1010110
86
4.650
0000110
6
2.650
0100001
33
3.325
0111100
60
4.000
1010111
87
4.675
0000111
7
2.675
0100010
34
3.350
0111101
61
4.025
1011000
88
4.700
0001000
8
2.700
0100011
35
3.375
0111110
62
4.050
1011001
89
4.725
0001001
9
2.725
0100100
36
3.400
0111111
63
4.075
1011010
90
4.750
0001010
10
2.750
0100101
37
3.425
1000000
64
4.100
1011011
91
4.775
0001011
11
2.775
0100110
38
3.450
1000001
65
4.125
1011100
92
4.800
0001100
12
2.800
0100111
39
3.475
1000010
66
4.150
1011101
93
4.825
0001101
13
2.825
0101000
40
3.500
1000011
67
4.175
1011110
94
4.850
0001110
14
2.850
0101001
41
3.525
1000100
68
4.200
1011111
95
4.875
0001111
15
2.875
0101010
42
3.550
1000101
69
4.225
1100000
96
4.900
0010000
16
2.900
0101011
43
3.575
1000110
70
4.250
1100001
97
4.925
0010001
17
2.925
0101100
44
3.600
1000111
71
4.275
1100010
98
4.950
0010010
18
2.950
0101101
45
3.625
1001000
72
4.300
1100011
99
4.975
0010011
19
2.975
0101110
46
3.650
1001001
73
4.325
1100100
100
5.000
0010100
20
3.000
0101111
47
3.675
1001010
74
4.350
1100101
101
0010101
21
3.025
0110000
48
3.700
1001011
75
4.375
|
0010110
22
3.050
0110001
49
3.725
1001100
76
4.400
1111111
127
Not
Permitted
0010111
23
3.075
0110010
50
3.750
1001101
77
4.425
0011000
24
3.100
0110011
51
3.775
1001110
78
4.450
0011001
25
3.125
0110100
52
3.800
1001111
79
4.475
0011010
26
3.150
0110101
53
3.825
1010000
80
4.500
-When the VCOM circuit use VOCMH + VCOMAC
-The VCOML is generated from VCOMH-VCOMAC
-VcomH voltage also can be adjusted by VMH_IDOMON[6:0] register in Idle mode/8 colors.
VMH
_IDOMON[6:0]
VCOMH
VMH
_IDOMON[6:0]
VCOMH
VMH
_IDOMON[6:0]
VCOMH
VMH
_IDOMON[6:0]
VCOMH
0000000
0
2.500
0011011
27
3.175
0110110
54
3.850
1010001
81
4.525
0000001
1
2.525
0011100
28
3.200
0110111
55
3.875
1010010
82
4.550
0000010
2
2.550
0011101
29
3.225
0111000
56
3.900
1010011
83
4.575
0000011
3
2.575
0011110
30
3.250
0111001
57
3.925
1010100
84
4.600
0000100
4
2.600
0011111
31
3.275
0111010
58
3.950
1010101
85
4.625
0000101
5
2.625
0100000
32
3.300
0111011
59
3.975
1010110
86
4.650
0000110
6
2.650
0100001
33
3.325
0111100
60
4.000
1010111
87
4.675
0000111
7
2.675
0100010
34
3.350
0111101
61
4.025
1011000
88
4.700
0001000
8
2.700
0100011
35
3.375
0111110
62
4.050
1011001
89
4.725
0001001
9
2.725
0100100
36
3.400
0111111
63
4.075
1011010
90
4.750
0001010
10
2.750
0100101
37
3.425
1000000
64
4.100
1011011
91
4.775
0001011
11
2.775
0100110
38
3.450
1000001
65
4.125
1011100
92
4.800
0001100
12
2.800
0100111
39
3.475
1000010
66
4.150
1011101
93
4.825
0001101
13
2.825
0101000
40
3.500
1000011
67
4.175
1011110
94
4.850
0001110
14
2.850
0101001
41
3.525
1000100
68
4.200
1011111
95
4.875
0001111
15
2.875
0101010
42
3.550
1000101
69
4.225
1100000
96
4.900
0010000
16
2.900
0101011
43
3.575
1000110
70
4.250
1100001
97
4.925
0010001
17
2.925
0101100
44
3.600
1000111
71
4.275
1100010
98
4.950
0010010
18
2.950
0101101
45
3.625
1001000
72
4.300
1100011
99
4.975
0010011
19
2.975
0101110
46
3.650
1001001
73
4.325
1100100
100
5.000
0010100
20
3.000
0101111
47
3.675
1001010
74
4.350
1100101
101
0010101
21
3.025
0110000
48
3.700
1001011
75
4.375
|
0010110
22
3.050
0110001
49
3.725
1001100
76
4.400
1111111
127
Not
Permitted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com