Electronic Components Datasheet Search
  English  ▼

X  

ST7787 Datasheet(PDF) 189 Page - Sitronix Technology Co., Ltd.

Part # ST7787
Description  262K Color Single-Chip TFT Controller/Driver
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7787 Datasheet(HTML) 189 Page - Sitronix Technology Co., Ltd.

Back Button ST7787 Datasheet HTML 185Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 186Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 187Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 188Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 189Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 190Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 191Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 192Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 193Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 217 page
background image
ST7787
Ver. 1.7
2008.04.18
189
10.2.16 VMCTR2 (C6h): VCOM Control 2
C6H
VMCTR2 (VCOM Control 2)
Inst / Para
D/CX WRX RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
(Code)
VMCTR2
0
↑
1
-
1
1
0
0
0
1
1
0
(C6h)
1
st Parameter
1
↑
1
-
0
0
VMA5
VMA4
VMA3
VMA2
VMA1
VMA0
2
nd Parameter
1
↑
1
-
0
0
VMA
_IDMON5
VMA
_IDMON4
VMA
_IDMON3
VMA
_IDMON2
VMA
_IDMON1
VMA
_IDMON0
NOTE: “-“ Don’t care
Description
-Set VCOMAC Voltage in normal mode/full colors.
VMA[5:0]
VCOMAC
VMA[5:0]
VCOMAC
VMA[5:0]
VCOMAC
000000
0
4.000
010000
16
4.800
100000
32
5.600
000001
1
4.050
010001
17
4.850
100001
33
5.650
000010
2
4.100
010010
18
4.900
100010
34
5.700
000011
3
4.150
010011
19
4.950
100011
35
5.750
000100
4
4.200
010100
20
5.000
100100
36
5.800
000101
5
4.250
010101
21
5.050
100101
37
5.850
000110
6
4.300
010110
22
5.100
100110
38
5.900
000111
7
4.350
010111
23
5.150
100111
39
5.950
001000
8
4.400
011000
24
5.200
101000
40
6.000
001001
9
4.450
011001
25
5.250
101001
41
001010
10
4.500
011010
26
5.300
|
001011
11
4.550
011011
27
5.350
111111
63
Not
Permitted
001100
12
4.600
011100
28
5.400
001101
13
4.650
011101
29
5.450
001110
14
4.700
011110
30
5.500
001111
15
4.750
011111
31
5.550
-Set VCOMAC Voltage in Idle mode/8 colors.
VMA
_IDMON[5:0]
VCOMAC
VMA
_IDMON[5:0]
VCOMAC
VMA
_IDMON[5:0]
VCOMAC
000000
0
4.000
010000
16
4.800
100000
32
5.600
000001
1
4.050
010001
17
4.850
100001
33
5.650
000010
2
4.100
010010
18
4.900
100010
34
5.700
000011
3
4.150
010011
19
4.950
100011
35
5.750
000100
4
4.200
010100
20
5.000
100100
36
5.800
000101
5
4.250
010101
21
5.050
100101
37
5.850
000110
6
4.300
010110
22
5.100
100110
38
5.900
000111
7
4.350
010111
23
5.150
100111
39
5.950
001000
8
4.400
011000
24
5.200
101000
40
6.000
001001
9
4.450
011001
25
5.250
101001
41
001010
10
4.500
011010
26
5.300
|
001011
11
4.550
011011
27
5.350
111111
63
Not
Permitted
001100
12
4.600
011100
28
5.400
001101
13
4.650
011101
29
5.450
001110
14
4.700
011110
30
5.500
001111
15
4.750
011111
31
5.550
Restriction
-If this register not use the register need be reserved.
-The deviation value of VCOMAC between with Measurement and Specification: Max <=50mV
Register
Availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
Yes
Partial Mode On, Idle Mode On, Sleep Out
Yes
Sleep In
Yes
Default
Status
Default Value
LCM1, LCM0 = “01” TR LC Type
VMA[6:0]
LCM1, LCM0 = “01” TR LC Type
VMA_IDMON[5:0]
Power On Sequence
06h
00h
S/W Reset
06h
00h
H/W Reset
06h
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com