Electronic Components Datasheet Search
  English  ▼

X  

ST7787 Datasheet(PDF) 186 Page - Sitronix Technology Co., Ltd.

Part # ST7787
Description  262K Color Single-Chip TFT Controller/Driver
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7787 Datasheet(HTML) 186 Page - Sitronix Technology Co., Ltd.

Back Button ST7787 Datasheet HTML 182Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 183Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 184Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 185Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 186Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 187Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 188Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 189Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 190Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 217 page
background image
ST7787
Ver. 1.7
2008.04.18
186
1.
Set the Booster circuit Step-up cycle during porch area in Partial mode/ full-colors.
Step1PC_SEL[2:0]
Step-up cycle
in Booster circuit 1
Step2PC_SEL[2:0]
Step-up cycle
in Booster circuit 2
000
0
OSC/2048
000
0
OSC/2048
001
1
OSC/1024
001
1
OSC/1024
010
2
OSC/512
010
2
OSC/512
011
3
OSC/128
011
3
OSC/128
100
4
OSC/64
100
4
OSC/64
101
5
OSC/16
101
5
OSC/16
110
6
OSC/8
110
6
OSC/8
111
7
OSC/4
111
7
OSC/4
Unit:KHz
Step4PC_SEL[2:0]
Step-up cycle
in Booster circuit 4
000
0
OSC/2048
001
1
OSC/1024
010
2
OSC/512
011
3
OSC/128
100
4
OSC/64
101
5
OSC/16
110
6
OSC/8
111
7
OSC/4
Unit:KHz
Note: BCLK is Clock frequency for Booster circuit
Restriction
-If some parameter of the register not use the register need to be reserved.
Register
Availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
Yes
Partial Mode On, Idle Mode On, Sleep Out
Yes
Sleep In
Yes
Default
Status
Default Value
APC[2:0]
Step1C
_SEL[3:0]
Step2C
_SEL[2:0]
Ste4C
_SEL[2:0]
Step1PC
_SEL[3:0]
Step2PC
_SEL[2:0]
Ste4PC
_SEL[2:0]
Power On Sequence
01h
0Bh
03h
03h
00h
00h
00h
S/W Reset
01h
0Bh
03h
03h
00h
00h
00h
H/W Reset
01h
0Bh
03h
03h
00h
00h
00h
Flow Chart
Legend
Command
Parameter
Display
Action
Mode
Sequential
transfer
1st Parameter:
APB[2:0]
2nd Parameter:
Step1B[3:0]
& Step2B[2:0]
3rd Parameter
Step2B[2:0]
4th Parameter
Step1PAB2:0]
& Step2PB[2:0]
5th Parameter
Step4PB[2:0]
------------------
PWCTR4 (C4h)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com