Electronic Components Datasheet Search
  English  ▼

X  

ST7787 Datasheet(PDF) 188 Page - Sitronix Technology Co., Ltd.

Part # ST7787
Description  262K Color Single-Chip TFT Controller/Driver
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7787 Datasheet(HTML) 188 Page - Sitronix Technology Co., Ltd.

Back Button ST7787 Datasheet HTML 184Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 185Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 186Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 187Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 188Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 189Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 190Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 191Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 192Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 217 page
background image
ST7787
Ver. 1.7
2008.04.18
188
0010111
23
3.075
0110010
50
3.750
1001101
77
4.425
0011000
24
3.100
0110011
51
3.775
1001110
78
4.450
0011001
25
3.125
0110100
52
3.800
1001111
79
4.475
0011010
26
3.150
0110101
53
3.825
1010000
80
4.500
-Set VCOMH Voltage in normal mode/full colors.
-When nVM0=1, VcomH voltage can be adjusted by VMH_R[6:0] register.
-When nVM0=0, VcomH
rogram will be setted by OTP register value.
Restriction
-If this register not using the register need be reserved.
-The deviation value of VCOMH/VCOML between with Measurement and Specification: Max<=30mV
-The deviation value of VCOMAC between with Measurement and Specification: Max <=50mV
Register
Availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
Yes
Partial Mode On, Idle Mode On, Sleep Out
Yes
Sleep In
Yes
Default
Status
Default Value
nVM0=0, VMH_R[6:0]
nVM0=0, VMH_COLOR8M[6:0]
Power On Sequence
28h
28h
S/W Reset
28h
28h
H/W Reset
28h
28h
Flow Chart
Legend
Command
Parameter
Display
Action
Mode
Sequential
transfer
1st Parameter:
VMH_R[6:0]
2nd Parameter:
VMH_COLOR8M[6:0]
3
rd Parameter
nVM0
PWCTR4 (C5h)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com