Electronic Components Datasheet Search
  English  ▼

X  

RC522 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # RC522
Description  Contactless reader IC
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RC522 Datasheet(HTML) 2 Page - NXP Semiconductors

  RC522 Datasheet HTML 1Page - NXP Semiconductors RC522 Datasheet HTML 2Page - NXP Semiconductors RC522 Datasheet HTML 3Page - NXP Semiconductors RC522 Datasheet HTML 4Page - NXP Semiconductors RC522 Datasheet HTML 5Page - NXP Semiconductors RC522 Datasheet HTML 6Page - NXP Semiconductors RC522 Datasheet HTML 7Page - NXP Semiconductors RC522 Datasheet HTML 8Page - NXP Semiconductors RC522 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 96 page
background image
MFRC522_34
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3.4 — 5 March 2010
112134
2 of 96
NXP Semiconductors
MFRC522
Contactless reader IC
SPI up to 10 Mbit/s
I2C-bus interface up to 400 kBd in Fast mode, up to 3400 kBd in High-speed mode
RS232 Serial UART up to 1228.8 kBd, with voltage levels dependant on pin
voltage supply
FIFO buffer handles 64 byte send and receive
Flexible interrupt modes
Hard reset with low power function
Power-down by software mode
Programmable timer
Internal oscillator for connection to 27.12 MHz quartz crystal
2.5 V to 3.3 V power supply
CRC coprocessor
Programmable I/O pins
Internal self-test
4.
Quick reference data
[1]
Supply voltages below 3 V reduce the performance in, for example, the achievable operating distance.
[2]
VDDA, VDDD and VDD(TVDD) must always be the same voltage.
[3]
VDD(PVDD) must always be the same or lower voltage than VDDD.
[4]
Ipd is the total current for all supplies.
[5]
IDD(PVDD) depends on the overall load at the digital pins.
[6]
IDD(TVDD) depends on VDD(TVDD) and the external circuit connected to pins TX1 and TX2.
[7]
During typical circuit operation, the overall current is below 100 mA.
[8]
Typical value using a complementary driver configuration and an antenna matched to 40
Ω between pins TX1 and TX2 at 13.56 MHz.
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDA
analog supply voltage
VDD(PVDD) ≤ VDDA = VDDD = VDD(TVDD);
VSSA =VSSD =VSS(PVSS) =VSS(TVSS) =0V
[1][2] 2.5
3.3
3.6
V
VDDD
digital supply voltage
2.5
3.3
3.6
V
VDD(TVDD) TVDD supply voltage
2.5
3.3
3.6
V
VDD(PVDD) PVDD supply voltage
[3] 1.6
1.8
3.6
V
VDD(SVDD) SVDD supply voltage
VSSA =VSSD =VSS(PVSS) =VSS(TVSS) = 0 V
1.6
-
3.6
V
Ipd
power-down current
VDDA =VDDD = VDD(TVDD) =VDD(PVDD) =3V
hard power-down; pin NRSTPD set LOW
[4] --
5
μA
soft power-down; RF level detector on
[4] --
10
μA
IDDD
digital supply current
pin DVDD; VDDD =3V
-
6.5
9
mA
IDDA
analog supply current
pin AVDD; VDDA = 3 V, CommandReg register’s
RcvOff bit = 0
-7
10
mA
pin AVDD; receiver switched off; VDDA =3V,
CommandReg register’s RcvOff bit = 1
-3
5
mA
IDD(PVDD)
PVDD supply current
pin PVDD
[5] --
40
mA
IDD(TVDD)
TVDD supply current
pin TVDD; continuous wave
[6][7][8] -60
100
mA
Tamb
ambient temperature
HVQFN32
−25
-
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com