Electronic Components Datasheet Search
  English  ▼

X  

RC522 Datasheet(PDF) 52 Page - NXP Semiconductors

Part # RC522
Description  Contactless reader IC
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RC522 Datasheet(HTML) 52 Page - NXP Semiconductors

Back Button RC522 Datasheet HTML 48Page - NXP Semiconductors RC522 Datasheet HTML 49Page - NXP Semiconductors RC522 Datasheet HTML 50Page - NXP Semiconductors RC522 Datasheet HTML 51Page - NXP Semiconductors RC522 Datasheet HTML 52Page - NXP Semiconductors RC522 Datasheet HTML 53Page - NXP Semiconductors RC522 Datasheet HTML 54Page - NXP Semiconductors RC522 Datasheet HTML 55Page - NXP Semiconductors RC522 Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 96 page
background image
MFRC522_34
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3.4 — 5 March 2010
112134
52 of 96
NXP Semiconductors
MFRC522
Contactless reader IC
9.3.2.12
Reserved register 1Bh
Functionality is reserved for future use.
9.3.2.13
MfTxReg register
Controls some MIFARE communication transmit parameters.
Table 73.
Reserved register (address 1Ah); reset value: 00h bit allocation
Bit
7
6
5
4
3
2
1
0
Symbol
reserved
Access
-
Table 74.
Reserved register bit descriptions
Bit
Symbol
Description
7 to 0
reserved
reserved for future use
Table 75.
Reserved register (address 1Bh); reset value: 00h bit allocation
Bit
7
6
5
4
3
2
1
0
Symbol
reserved
Access
-
Table 76.
Reserved register bit descriptions
Bit
Symbol
Description
7 to 0
reserved
reserved for future use
Table 77.
MfTxReg register (address 1Ch); reset value: 62h bit allocation
Bit
7
6
5
4
3
2
1
0
Symbol
reserved
TxWait[1:0]
Access
-
R/W
Table 78.
MfTxReg register bit descriptions
Bit
Symbol
Description
7 to 2
reserved
reserved for future use
1 to 0
TxWait
defines the additional response time
7 bits are added to the value of the register bit by default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com