Electronic Components Datasheet Search
  English  ▼

X  

RC522 Datasheet(PDF) 35 Page - NXP Semiconductors

Part # RC522
Description  Contactless reader IC
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RC522 Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button RC522 Datasheet HTML 31Page - NXP Semiconductors RC522 Datasheet HTML 32Page - NXP Semiconductors RC522 Datasheet HTML 33Page - NXP Semiconductors RC522 Datasheet HTML 34Page - NXP Semiconductors RC522 Datasheet HTML 35Page - NXP Semiconductors RC522 Datasheet HTML 36Page - NXP Semiconductors RC522 Datasheet HTML 37Page - NXP Semiconductors RC522 Datasheet HTML 38Page - NXP Semiconductors RC522 Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 96 page
background image
MFRC522_34
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3.4 — 5 March 2010
112134
35 of 96
NXP Semiconductors
MFRC522
Contactless reader IC
21h
CRCResultReg
shows the MSB and LSB values of the CRC calculation
Table 87 on page 54
22h
Table 89 on page 54
23h
Reserved
reserved for future use
Table 91 on page 55
24h
ModWidthReg
controls the ModWidth setting
Table 93 on page 55
25h
Reserved
reserved for future use
Table 95 on page 55
26h
RFCfgReg
configures the receiver gain
Table 97 on page 56
27h
GsNReg
selects the conductance of the antenna driver pins TX1 and
TX2 for modulation
Table 99 on page 56
28h
CWGsPReg
defines the conductance of the p-driver output during
periods of no modulation
Table 101 on page 57
29h
ModGsPReg
defines the conductance of the p-driver output during
periods of modulation
Table 103 on page 57
2Ah
TModeReg
defines settings for the internal timer
Table 105 on page 57
2Bh
TPrescalerReg
Table 107 on page 58
2Ch
TReloadReg
defines the 16-bit timer reload value
Table 109 on page 59
2Dh
Table 111 on page 59
2Eh
TCounterValReg
shows the 16-bit timer value
Table 113 on page 59
2Fh
Table 115 on page 59
Page 3: Test register
30h
Reserved
reserved for future use
Table 117 on page 60
31h
TestSel1Reg
general test signal configuration
Table 119 on page 60
32h
TestSel2Reg
general test signal configuration and PRBS control
Table 121 on page 60
33h
TestPinEnReg
enables pin output driver on pins D1 to D7
Table 123 on page 61
34h
TestPinValueReg
defines the values for D1 to D7 when it is used as an I/O bus Table 125 on page 61
35h
TestBusReg
shows the status of the internal test bus
Table 127 on page 62
36h
AutoTestReg
controls the digital self test
Table 129 on page 62
37h
VersionReg
shows the software version
Table 131 on page 63
38h
AnalogTestReg
controls the pins AUX1 and AUX2
Table 133 on page 63
39h
TestDAC1Reg
defines the test value for TestDAC1
Table 135 on page 65
3Ah
TestDAC2Reg
defines the test value for TestDAC2
Table 137 on page 65
3Bh
TestADCReg
shows the value of ADC I and Q channels
Table 139 on page 65
3Ch to 3Fh Reserved
reserved for production tests
Table 141 to Table 147
on page 66
Table 20.
MFRC522 register overview …continued
Address
(hex)
Register name
Function
Refer to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com