Electronic Components Datasheet Search
  English  ▼

X  

RC522 Datasheet(PDF) 65 Page - NXP Semiconductors

Part # RC522
Description  Contactless reader IC
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RC522 Datasheet(HTML) 65 Page - NXP Semiconductors

Back Button RC522 Datasheet HTML 61Page - NXP Semiconductors RC522 Datasheet HTML 62Page - NXP Semiconductors RC522 Datasheet HTML 63Page - NXP Semiconductors RC522 Datasheet HTML 64Page - NXP Semiconductors RC522 Datasheet HTML 65Page - NXP Semiconductors RC522 Datasheet HTML 66Page - NXP Semiconductors RC522 Datasheet HTML 67Page - NXP Semiconductors RC522 Datasheet HTML 68Page - NXP Semiconductors RC522 Datasheet HTML 69Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 96 page
background image
MFRC522_34
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3.4 — 5 March 2010
112134
65 of 96
NXP Semiconductors
MFRC522
Contactless reader IC
9.3.4.10
TestDAC1Reg register
Defines the test value for TestDAC1.
9.3.4.11
TestDAC2Reg register
Defines the test value for TestDAC2.
9.3.4.12
TestADCReg register
Shows the values of ADC I and Q channels.
9.3.4.13
Reserved register 3Ch
Functionality reserved for production test.
Table 135. TestDAC1Reg register (address 39h); reset value: xxh bit allocation
Bit
7
6
5
4
3
2
1
0
Symbol
reserved
TestDAC1[5:0]
Access
-
R/W
Table 136. TestDAC1Reg register bit descriptions
Bit
Symbol
Description
7
reserved
reserved for production tests
6
reserved
reserved for future use
5 to 0
TestDAC1[5:0] defines the test value for TestDAC1
output of DAC1 can be routed to AUX1 by setting value
AnalogSelAux1[3:0] to 0001b in the AnalogTestReg register
Table 137. TestDAC2Reg register (address 3Ah); reset value: xxh bit allocation
Bit
7
6
5
4
3
2
1
0
Symbol
reserved
TestDAC2[5:0]
Access
-
R/W
Table 138. TestDAC2Reg register bit descriptions
Bit
Symbol
Description
7 to 6
reserved
reserved for future use
5 to 0
TestDAC2[5:0] defines the test value for TestDAC2
output of DAC2 can be routed to AUX2 by setting value
AnalogSelAux2[3:0] to 0001b in the AnalogTestReg register
Table 139. TestADCReg register (address 3Bh); reset value: xxh bit allocation
Bit
7
6
5
4
3
2
1
0
Symbol
ADC_I[3:0]
ADC_Q[3:0]
Access
R
R
Table 140. TestADCReg register bit descriptions
Bit
Symbol
Description
7 to 4
ADC_I[3:0]
ADC I channel value
3 to 0
ADC_Q[3:0]
ADC Q channel value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com