Electronic Components Datasheet Search
  English  ▼

X  

RC522 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # RC522
Description  Contactless reader IC
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RC522 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button RC522 Datasheet HTML 25Page - NXP Semiconductors RC522 Datasheet HTML 26Page - NXP Semiconductors RC522 Datasheet HTML 27Page - NXP Semiconductors RC522 Datasheet HTML 28Page - NXP Semiconductors RC522 Datasheet HTML 29Page - NXP Semiconductors RC522 Datasheet HTML 30Page - NXP Semiconductors RC522 Datasheet HTML 31Page - NXP Semiconductors RC522 Datasheet HTML 32Page - NXP Semiconductors RC522 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 96 page
background image
MFRC522_34
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3.4 — 5 March 2010
112134
29 of 96
NXP Semiconductors
MFRC522
Contactless reader IC
The ComIrqReg register’s ErrIRq bit indicates an error detected by the contactless UART
during send or receive. This is indicated when any bit is set to logic 1 in register ErrorReg.
8.5 Timer unit
The MFRC522A has a timer unit which the external host can use to manage timing tasks.
The timer unit can be used in one of the following timer/counter configurations:
• Timeout counter
• Watchdog counter
• Stop watch
• Programmable one shot
• Periodical trigger
The timer unit can be used to measure the time interval between two events or to indicate
that a specific event occurred after a specific time. The timer can be triggered by events
explained in the paragraphs below. The timer does not influence any internal events, for
example, a time-out during data reception does not automatically influence the reception
process. Furthermore, several timer-related bits can be used to generate an interrupt.
The timer has an input clock of 13.56 MHz derived from the 27.12 MHz quartz crystal
oscillator. The timer consists of two stages: prescaler and counter.
The prescaler (TPrescaler) is a 12-bit counter. The reload values (TReloadVal_Hi[7:0] and
TReloadVal_Lo[7:0]) for TPrescaler can be set between 0 and 4095 in the TModeReg
register’s TPrescaler_Hi[3:0] bits and TPrescalerReg register’s TPrescaler_Lo[7:0] bits.
The reload value for the counter is defined by 16 bits between 0 and 65535 in the
TReloadReg register.
The current value of the timer is indicated in the TCounterValReg register.
When the counter reaches 0, an interrupt is automatically generated, indicated by the
ComIrqReg register’s TimerIRq bit setting. If enabled, this event can be indicated on
pin IRQ. The TimerIRq bit can be set and reset by the host. Depending on the
configuration, the timer will stop at 0 or restart with the value set in the TReloadReg
register.
The timer status is indicated by the Status1Reg register’s TRunning bit.
Table 18.
Interrupt sources
Interrupt flag
Interrupt source
Trigger action
TimerIRq
timer unit
the timer counts from 1 to 0
TxIRq
transmitter
a transmitted data stream ends
CRCIRq
CRC coprocessor
all data from the FIFO buffer has been processed
RxIRq
receiver
a received data stream ends
IdleIRq
ComIrqReg register
command execution finishes
HiAlertIRq
FIFO buffer
the FIFO buffer is almost full
LoAlertIRq
FIFO buffer
the FIFO buffer is almost empty
ErrIRq
contactless UART
an error is detected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com