Electronic Components Datasheet Search
  English  ▼

X  

RC522 Datasheet(PDF) 23 Page - NXP Semiconductors

Part # RC522
Description  Contactless reader IC
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RC522 Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button RC522 Datasheet HTML 19Page - NXP Semiconductors RC522 Datasheet HTML 20Page - NXP Semiconductors RC522 Datasheet HTML 21Page - NXP Semiconductors RC522 Datasheet HTML 22Page - NXP Semiconductors RC522 Datasheet HTML 23Page - NXP Semiconductors RC522 Datasheet HTML 24Page - NXP Semiconductors RC522 Datasheet HTML 25Page - NXP Semiconductors RC522 Datasheet HTML 26Page - NXP Semiconductors RC522 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 96 page
background image
MFRC522_34
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3.4 — 5 March 2010
112134
23 of 96
NXP Semiconductors
MFRC522
Contactless reader IC
8.2 Analog interface and contactless UART
8.2.1 General
The integrated contactless UART supports the external host online with framing and error
checking of the protocol requirements up to 848 kBd. An external circuit can be connected
to the communication interface pins MFIN and MFOUT to modulate and demodulate the
data.
The contactless UART handles the protocol requirements for the communication
protocols in cooperation with the host. Protocol handling generates bit and byte-oriented
framing. In addition, it handles error detection such as parity and CRC, based on the
various supported contactless communication protocols.
Remark: The size and tuning of the antenna and the power supply voltage have an
important impact on the achievable operating distance.
8.2.2 TX p-driver
The signal on pins TX1 and TX2 is the 13.56 MHz energy carrier modulated by an
envelope signal. It can be used to drive an antenna directly using a few passive
components for matching and filtering; see Section 15 on page 78. The signal on pins TX1
and TX2 can be configured using the TxControlReg register; see Section 9.3.2.5 on
page 48.
The modulation index can be set by adjusting the impedance of the drivers. The
impedance of the p-driver can be configured using registers CWGsPReg and
ModGsPReg. The impedance of the n-driver can be configured using the GsNReg
register. The modulation index also depends on the antenna design and tuning.
The TxModeReg and TxSelReg registers control the data rate and framing during
transmission and the antenna driver setting to support the different requirements at the
different modes and transfer speeds.
[1]
X = Do not care.
Table 15.
Register and bit settings controlling the signal on pin TX1
Bit
Tx1RFEn
Bit
Force
100ASK
Bit
InvTx1RFOn
Bit
InvTx1RFOff
Envelope
Pin
TX1
GSPMos
GSNMos
Remarks
0X[1]
X[1]
X[1]
X[1]
X[1]
X[1]
X[1]
not specified if RF is
switched off
10
0
X[1]
0
RF
pMod
nMod
100 % ASK: pin TX1
pulled to logic 0,
independent of the
InvTx1RFOff bit
1RF
pCW
nCW
01
X[1]
0
RF
pMod
nMod
1RF
pCW
nCW
11
X[1]
0
0
pMod
nMod
1RF_n
pCW
nCW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com