Electronic Components Datasheet Search
  English  ▼

X  

RC522 Datasheet(PDF) 38 Page - NXP Semiconductors

Part # RC522
Description  Contactless reader IC
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RC522 Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button RC522 Datasheet HTML 34Page - NXP Semiconductors RC522 Datasheet HTML 35Page - NXP Semiconductors RC522 Datasheet HTML 36Page - NXP Semiconductors RC522 Datasheet HTML 37Page - NXP Semiconductors RC522 Datasheet HTML 38Page - NXP Semiconductors RC522 Datasheet HTML 39Page - NXP Semiconductors RC522 Datasheet HTML 40Page - NXP Semiconductors RC522 Datasheet HTML 41Page - NXP Semiconductors RC522 Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 96 page
background image
MFRC522_34
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3.4 — 5 March 2010
112134
38 of 96
NXP Semiconductors
MFRC522
Contactless reader IC
9.3.1.6
DivIrqReg register
Interrupt request bits.
Table 30.
ComIrqReg register bit descriptions
All bits in the ComIrqReg register are cleared by software.
Bit Symbol
Value Description
7
Set1
1
indicates that the marked bits in the ComIrqReg register are set
0
indicates that the marked bits in the ComIrqReg register are cleared
6
TxIRq
1
set immediately after the last bit of the transmitted data was sent out
5
RxIRq
1
receiver has detected the end of a valid data stream
if the RxModeReg register’s RxNoErr bit is set to logic 1, the RxIRq bit is
only set to logic 1 when data bytes are available in the FIFO
4
IdleIRq
1
If a command terminates, for example, when the CommandReg changes
its value from any command to the Idle command (see Table 149 on
page 67)
if an unknown command is started, the CommandReg register
Command[3:0] value changes to the idle state and the IdleIRq bit is set
The microcontroller starting the Idle command does not set the IdleIRq
bit
3
HiAlertIRq
1
the Status1Reg register’s HiAlert bit is set
in opposition to the HiAlert bit, the HiAlertIRq bit stores this event and
can only be reset as indicated by the Set1 bit in this register
2
LoAlertIRq
1
Status1Reg register’s LoAlert bit is set
in opposition to the LoAlert bit, the LoAlertIRq bit stores this event and
can only be reset as indicated by the Set1 bit in this register
1
ErrIRq
1
any error bit in the ErrorReg register is set
0
TimerIRq
1
the timer decrements the timer value in register TCounterValReg to zero
Table 31.
DivIrqReg register (address 05h); reset value: x0h bit allocation
Bit
7
6
5
4
3
2
1
0
Symbol
Set2
reserved
MfinActIRq
reserved
CRCIRq
reserved
Access
W
-
D
-
D
-
Table 32.
DivIrqReg register bit descriptions
All bits in the DivIrqReg register are cleared by software.
Bit
Symbol
Value Description
7
Set2
1
indicates that the marked bits in the DivIrqReg register are set
0
indicates that the marked bits in the DivIrqReg register are cleared
6 to 5 reserved
-
reserved for future use
4
MfinActIRq 1
MFIN is active
this interrupt is set when either a rising or falling signal edge is
detected
3
reserved
-
reserved for future use
2
CRCIRq
1
the CalcCRC command is active and all data is processed
1 to 0 reserved
-
reserved for future use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com