Electronic Components Datasheet Search
  English  ▼

X  

RC522 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # RC522
Description  Contactless reader IC
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RC522 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button RC522 Datasheet HTML 4Page - NXP Semiconductors RC522 Datasheet HTML 5Page - NXP Semiconductors RC522 Datasheet HTML 6Page - NXP Semiconductors RC522 Datasheet HTML 7Page - NXP Semiconductors RC522 Datasheet HTML 8Page - NXP Semiconductors RC522 Datasheet HTML 9Page - NXP Semiconductors RC522 Datasheet HTML 10Page - NXP Semiconductors RC522 Datasheet HTML 11Page - NXP Semiconductors RC522 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 96 page
background image
MFRC522_34
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3.4 — 5 March 2010
112134
8 of 96
NXP Semiconductors
MFRC522
Contactless reader IC
The internal CRC coprocessor calculates the CRC value based on ISO/IEC 14443 A
part 3 and handles parity generation internally according to the transfer speed. Automatic
parity generation can be switched off using the MfRxReg register’s ParityDisable bit.
8.1 Digital interfaces
8.1.1 Automatic microcontroller interface detection
The MFRC522 supports direct interfacing of hosts using SPI, I2C-bus or serial UART
interfaces. The MFRC522 resets its interface and checks the current host interface type
automatically after performing a power-on or hard reset. The MFRC522 identifies the host
interface by sensing the logic levels on the control pins after the reset phase. This is done
using a combination of fixed pin connections. Table 5 shows the different connection
configurations.
Fig 6.
Data coding and framing according to ISO/IEC 14443 A
001aak585
ISO/IEC 14443 A framing at 106 kBd
8-bit data
8-bit data
8-bit data
odd
parity
odd
parity
start
odd
parity
start bit is 1
ISO/IEC 14443 A framing at 212 kBd, 424 kBd and 848 kBd
8-bit data
8-bit data
8-bit data
odd
parity
odd
parity
start
even
parity
start bit is 0
burst of 32
subcarrier clocks
even parity at the
end of the frame
Table 5.
Connection protocol for detecting different interface types
Pin
Interface type
UART (input)
SPI (output)
I2C-bus (I/O)
SDA
RX
NSS
SDA
I2C
001
EA
01EA
D7
TX
MISO
SCL
D6
MX
MOSI
ADR_0
D5
DTRQ
SCK
ADR_1
D4
-
-
ADR_2
D3
-
-
ADR_3
D2
-
-
ADR_4
D1
-
-
ADR_5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com