Electronic Components Datasheet Search
  English  ▼

X  

RC522 Datasheet(PDF) 63 Page - NXP Semiconductors

Part # RC522
Description  Contactless reader IC
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RC522 Datasheet(HTML) 63 Page - NXP Semiconductors

Back Button RC522 Datasheet HTML 59Page - NXP Semiconductors RC522 Datasheet HTML 60Page - NXP Semiconductors RC522 Datasheet HTML 61Page - NXP Semiconductors RC522 Datasheet HTML 62Page - NXP Semiconductors RC522 Datasheet HTML 63Page - NXP Semiconductors RC522 Datasheet HTML 64Page - NXP Semiconductors RC522 Datasheet HTML 65Page - NXP Semiconductors RC522 Datasheet HTML 66Page - NXP Semiconductors RC522 Datasheet HTML 67Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 96 page
background image
MFRC522_34
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3.4 — 5 March 2010
112134
63 of 96
NXP Semiconductors
MFRC522
Contactless reader IC
9.3.4.8
VersionReg register
Shows the MFRC522 software version.
9.3.4.9
AnalogTestReg register
Determines the analog output test signal at, and status of, pins AUX1 and AUX2.
Table 130. AutoTestReg register bit descriptions
Bit
Symbol
Value
Description
7
reserved
-
reserved for production tests
6
AmpRcv
1
internal signal processing in the receiver chain is performed
non-linearly which increases the operating distance in
communication modes at 106 kBd
Remark: due to non-linearity, the effect of the RxThresholdReg
register’s MinLevel[3:0] and the CollLevel[2:0] values is also
non-linear
5 to 4
RFT
-
reserved for production tests
3 to 0
SelfTest
[3:0]
-
enables the digital self test
the self test can also be started by the CalcCRC command; see
Section 10.3.1.4 on page 68
the self test is enabled by 1001b
Remark: for default operation the self test must be disabled
by 0000b
Table 131. VersionReg register (address 37h); reset value: xxh bit allocation
Bit
7
6
5
4
3
2
1
0
Symbol
Version[7:0]
Access
R
Table 132. VersionReg register bit descriptions
Bit
Symbol
Description
7 to 0
Version[7:0]
indicates current software version of the MFRC522
Remark: the current version of the MFRC522 is 90h or 91h
Table 133. AnalogTestReg register (address 38h); reset value: 00h bit allocation
Bit
7
6
5
4
3
2
1
0
Symbol
AnalogSelAux1[3:0]
AnalogSelAux2[3:0]
Access
R/W
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com