Electronic Components Datasheet Search
  English  ▼

X  

RC522 Datasheet(PDF) 41 Page - NXP Semiconductors

Part # RC522
Description  Contactless reader IC
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RC522 Datasheet(HTML) 41 Page - NXP Semiconductors

Back Button RC522 Datasheet HTML 37Page - NXP Semiconductors RC522 Datasheet HTML 38Page - NXP Semiconductors RC522 Datasheet HTML 39Page - NXP Semiconductors RC522 Datasheet HTML 40Page - NXP Semiconductors RC522 Datasheet HTML 41Page - NXP Semiconductors RC522 Datasheet HTML 42Page - NXP Semiconductors RC522 Datasheet HTML 43Page - NXP Semiconductors RC522 Datasheet HTML 44Page - NXP Semiconductors RC522 Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 96 page
background image
MFRC522_34
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3.4 — 5 March 2010
112134
41 of 96
NXP Semiconductors
MFRC522
Contactless reader IC
9.3.1.9
Status2Reg register
Contains status bits of the receiver, transmitter and data mode detector.
Table 37.
Status2Reg register (address 08h); reset value: 00h bit allocation
Bit
7
6
5
4
3
2
1
0
Symbol
TempSensClear
I2CForceHS
reserved
MFCrypto1On
ModemState[2:0]
Access
R/W
R/W
-
D
R
Table 38.
Status2Reg register bit descriptions
Bit
Symbol
Value
Description
7
TempSensClear
1
clears the temperature error if the temperature is below the
alarm limit of 125
°C
6I2CForceHS
I2C-bus input filter settings:
1the I2C-bus input filter is set to the High-speed mode
independent of the I2C-bus protocol
0the I2C-bus input filter is set to the I2C-bus protocol used
5 to 4
reserved
-
reserved
3
MFCrypto1On
-
indicates that the MIFARE Crypto1 unit is switched on and
therefore all data communication with the card is encrypted
can only be set to logic 1 by a successful execution of the
MFAuthent command
only valid in Read/Write mode for MIFARE standard cards
this bit is cleared by software
2 to 0
ModemState[2:0]
-
shows the state of the transmitter and receiver state
machines:
000
idle
001
wait for the BitFramingReg register’s StartSend bit
010
TxWait: wait until RF field is present if the TModeReg
register’s TxWaitRF bit is set to logic 1
the minimum time for TxWait is defined by the TxWaitReg
register
011
transmitting
100
RxWait: wait until RF field is present if the TModeReg
register’s TxWaitRF bit is set to logic 1
the minimum time for RxWait is defined by the
RxWaitReg register
101
wait for data
110
receiving



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com