Electronic Components Datasheet Search
  English  ▼

X  

RC522 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # RC522
Description  Contactless reader IC
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RC522 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button RC522 Datasheet HTML 2Page - NXP Semiconductors RC522 Datasheet HTML 3Page - NXP Semiconductors RC522 Datasheet HTML 4Page - NXP Semiconductors RC522 Datasheet HTML 5Page - NXP Semiconductors RC522 Datasheet HTML 6Page - NXP Semiconductors RC522 Datasheet HTML 7Page - NXP Semiconductors RC522 Datasheet HTML 8Page - NXP Semiconductors RC522 Datasheet HTML 9Page - NXP Semiconductors RC522 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 96 page
background image
MFRC522_34
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3.4 — 5 March 2010
112134
6 of 96
NXP Semiconductors
MFRC522
Contactless reader IC
[1]
Pin types: I = Input, O = Output, I/O = Input/Output, P = Power and G = Ground.
[2]
The pin functionality of these pins is explained in Section 8.1 “Digital interfaces”.
[3]
Connection of heatsink pad on package bottom side is not necessary. Optional connection to pin DVSS is possible.
16
VMID
P
internal reference voltage
17
RX
I
RF signal input
18
AVSS
G
analog ground
19
AUX1
O
auxiliary outputs for test purposes
20
AUX2
O
auxiliary outputs for test purposes
21
OSCIN
I
crystal oscillator inverting amplifier input; also the input for an externally generated clock
(fclk = 27.12 MHz)
22
OSCOUT
O
crystal oscillator inverting amplifier output
23
IRQ
O
interrupt request output: indicates an interrupt event
24
SDA
I/O
I2C-bus serial data line input/output[2]
NSS
I
SPI signal input[2]
RX
I
UART address input[2]
25
D1
I/O
test port[2]
ADR_5
I/O
I2C-bus address 5 input[2]
26
D2
I/O
test port
ADR_4
I
I2C-bus address 4 input[2]
27
D3
I/O
test port
ADR_3
I
I2C-bus address 3 input[2]
28
D4
I/O
test port
ADR_2
I
I2C-bus address 2 input[2]
29
D5
I/O
test port
ADR_1
I
I2C-bus address 1 input[2]
SCK
I
SPI serial clock input[2]
DTRQ
O
UART request to send output to microcontroller[2]
30
D6
I/O
test port
ADR_0
I
I2C-bus address 0 input[2]
MOSI
I/O
SPI master out, slave in[2]
MX
O
UART output to microcontroller[2]
31
D7
I/O
test port
SCL
I/O
I2C-bus clock input/output[2]
MISO
I/O
SPI master in, slave out[2]
TX
O
UART data output to microcontroller[2]
32
EA
I
external address input for coding I2C-bus address[2]
Table 3.
Pin description …continued
Pin
Symbol
Type[1] Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com