Electronic Components Datasheet Search
  English  ▼

X  

RC522 Datasheet(PDF) 46 Page - NXP Semiconductors

Part # RC522
Description  Contactless reader IC
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RC522 Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button RC522 Datasheet HTML 42Page - NXP Semiconductors RC522 Datasheet HTML 43Page - NXP Semiconductors RC522 Datasheet HTML 44Page - NXP Semiconductors RC522 Datasheet HTML 45Page - NXP Semiconductors RC522 Datasheet HTML 46Page - NXP Semiconductors RC522 Datasheet HTML 47Page - NXP Semiconductors RC522 Datasheet HTML 48Page - NXP Semiconductors RC522 Datasheet HTML 49Page - NXP Semiconductors RC522 Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 96 page
background image
MFRC522_34
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3.4 — 5 March 2010
112134
46 of 96
NXP Semiconductors
MFRC522
Contactless reader IC
9.3.2.2
ModeReg register
Defines general mode settings for transmitting and receiving.
9.3.2.3
TxModeReg register
Defines the data rate during transmission.
Table 55.
ModeReg register (address 11h); reset value: 3Fh bit allocation
Bit
7
6
5
4
3
2
1
0
Symbol
MSBFirst reserved
TxWaitRF
reserved
PolMFin
reserved
CRCPreset[1:0]
Access
R/W
-
R/W
-
R/W
-
R/W
Table 56.
ModeReg register bit descriptions
Bit
Symbol
Value
Description
7
MSBFirst
1
CRC coprocessor calculates the CRC with MSB first
in the CRCResultReg register the values for the
CRCResultMSB[7:0] bits and the CRCResultLSB[7:0] bits are bit
reversed
Remark: during RF communication this bit is ignored
6
reserved
-
reserved for future use
5
TxWaitRF
1
transmitter can only be started if an RF field is generated
4
reserved
-
reserved for future use
3
PolMFin
defines the polarity of pin MFIN
Remark: the internal envelope signal is encoded active LOW,
changing this bit generates a MFinActIRq event
1
polarity of pin MFIN is active HIGH
0
polarity of pin MFIN is active LOW
2
reserved
-
reserved for future use
1 to 0
CRCPreset
[1:0]
defines the preset value for the CRC coprocessor for the CalcCRC
command
Remark: during any communication, the preset values are
selected automatically according to the definition of bits in the
RxModeReg and TxModeReg registers
00
0000h
01
6363h
10
A671h
11
FFFFh
Table 57.
TxModeReg register (address 12h); reset value: 00h bit allocation
Bit
7
6
5
4
3
2
1
0
Symbol
TxCRCEn
TxSpeed[2:0]
InvMod
reserved
Access
R/W
D
R/W
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com