Electronic Components Datasheet Search
  English  ▼

X  

RC522 Datasheet(PDF) 81 Page - NXP Semiconductors

Part # RC522
Description  Contactless reader IC
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RC522 Datasheet(HTML) 81 Page - NXP Semiconductors

Back Button RC522 Datasheet HTML 77Page - NXP Semiconductors RC522 Datasheet HTML 78Page - NXP Semiconductors RC522 Datasheet HTML 79Page - NXP Semiconductors RC522 Datasheet HTML 80Page - NXP Semiconductors RC522 Datasheet HTML 81Page - NXP Semiconductors RC522 Datasheet HTML 82Page - NXP Semiconductors RC522 Datasheet HTML 83Page - NXP Semiconductors RC522 Datasheet HTML 84Page - NXP Semiconductors RC522 Datasheet HTML 85Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 96 page
background image
MFRC522_34
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3.4 — 5 March 2010
112134
81 of 96
NXP Semiconductors
MFRC522
Contactless reader IC
16.1.3.1
Example: Output test signals TestDAC1 and TestDAC2
The AnalogTestReg register is set to 11h. The output on pin AUX1 has the test signal
TestDAC1 and the output on pin AUX2 has the test signal TestDAC2. The signal values of
TestDAC1 and TestDAC2 are controlled by the TestDAC1Reg and TestDAC2Reg
registers.
Figure 28 shows test signal TestDAC1 on pin AUX1 and TestDAC2 on pin AUX2 when the
TestDAC1Reg register is programmed with a slope defined by values 00h to 3Fh and the
TestDAC2Reg register is programmed with a rectangular signal defined by values 00h
and 3Fh.
16.1.3.2
Example: Output test signals Corr1 and MinLevel
Figure 29 shows test signals Corr1 and MinLevel on pins AUX1 and AUX2, respectively.
The AnalogTestReg register is set to 24h.
1101
RxActive
1110
subcarrier detected
1111
TstBusBit
Table 158. Test signal descriptions …continued
AnalogSelAux1[3:0]
or
AnalogSelAux2[3:0]
value
Signal on pin AUX1 or pin AUX2
(1) TestDAC1 (500 mV/div) on pin AUX1.
(2) TestDAC2 (500 mV/div) on pin AUX2.
Fig 28. Output test signals TestDAC1 on pin AUX1 and TestDAC2 on pin AUX2
100 ms/div
001aak597
(1)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com