Electronic Components Datasheet Search
  English  ▼

X  

RC522 Datasheet(PDF) 59 Page - NXP Semiconductors

Part # RC522
Description  Contactless reader IC
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RC522 Datasheet(HTML) 59 Page - NXP Semiconductors

Back Button RC522 Datasheet HTML 55Page - NXP Semiconductors RC522 Datasheet HTML 56Page - NXP Semiconductors RC522 Datasheet HTML 57Page - NXP Semiconductors RC522 Datasheet HTML 58Page - NXP Semiconductors RC522 Datasheet HTML 59Page - NXP Semiconductors RC522 Datasheet HTML 60Page - NXP Semiconductors RC522 Datasheet HTML 61Page - NXP Semiconductors RC522 Datasheet HTML 62Page - NXP Semiconductors RC522 Datasheet HTML 63Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 96 page
background image
MFRC522_34
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3.4 — 5 March 2010
112134
59 of 96
NXP Semiconductors
MFRC522
Contactless reader IC
Remark: The reload value bits are contained in two 8-bit registers.
9.3.3.12
TCounterValReg register
Contains the timer value.
Remark: The timer value bits are contained in two 8-bit registers.
Table 109. TReloadReg (higher bits) register (address 2Ch); reset value: 00h bit allocation
Bit
7
6
5
4
3
2
1
0
Symbol
TReloadVal_Hi[7:0]
Access
R/W
Table 110. TReloadReg register higher bit descriptions
Bit
Symbol
Description
7 to 0
TReloadVal_Hi
[7:0]
defines the higher 8 bits of the 16-bit timer reload value
on a start event, the timer loads the timer reload value
changing this register affects the timer only at the next start event
Table 111. TReloadReg (lower bits) register (address 2Dh); reset value: 00h bit allocation
Bit
7
6
5
4
3
2
1
0
Symbol
TReloadVal_Lo[7:0]
Access
R/W
Table 112. TReloadReg register lower bit descriptions
Bit
Symbol
Description
7 to 0
TReloadVal_Lo
[7:0]
defines the lower 8 bits of the 16-bit timer reload value
on a start event, the timer loads the timer reload value
changing this register affects the timer only at the next start event
Table 113. TCounterValReg (higher bits) register (address 2Eh); reset value: xxh bit
allocation
Bit
7
6
5
4
3
2
1
0
Symbol
TCounterVal_Hi[7:0]
Access
R
Table 114. TCounterValReg register higher bit descriptions
Bit
Symbol
Description
7 to 0
TCounterVal_Hi
[7:0]
timer value higher 8 bits
Table 115. TCounterValReg (lower bits) register (address 2Fh); reset value: xxh bit
allocation
Bit
7
6
5
4
3
2
1
0
Symbol
TCounterVal_Lo[7:0]
Access
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com